Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54402EVAL1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL54402EVAL1Z
Description  Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54402EVAL1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL54402EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54402EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54402EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54402EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54402EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54402EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54402EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54402EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54402EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6240.3
July 12, 2006
Truth Table
ISL54401
VBUS
L, R
D+, D-
0ON
OFF
1OFF
ON
Logic “0” when
≤ VDD + 0.2V, Logic “1” when ≥ VDD + 0.8V
Truth Table
ISL54400
VDD
VBUS
L, R
D+, D-
VTERM
0
0
ON
OFF
Open
0
1
OFF
ON
Open
1
0
ON
OFF
Open
1
1
OFF
ON
3.3V to 4.0V
VDD: Logic “0” when < 2.4V, Logic “1” when ≥ 2.5V
VBUS: Logic “0” when ≤ VDD + 0.2V, Logic “1” when ≥ VDD + 0.8V
Truth Table
ISL54402
IN
NCx
NOx
0ON
OFF
1OFF
ON
Logic “0”
≤ 0.5V. Logic “1” ≥ 1.4V, with VDD between 2.7V and 3.6V
Pin Descriptions
NO.
ISL54400
ISL54401
ISL54402
NAME
FUNCTION
NAME
FUNCTION
NAME
FUNCTION
1VDD
Power Supply (Audio Switches)
Control Input for VTERM
VDD
Power Supply (Audio Switches)
VDD
System Power Supply Input
2VBUS
Digital Control Input
Power Supply (USB Switches)
VBUS
Digital Control Input
Power Supply (USB Switches)
IN2
Digital Control Input
3
D-/L
Voice and Data Common Pin
D-/L
Voice and Data Common Pin
COM1
Common Pin
4
D+/R
Voice and Data Common Pin
D+/R
Voice and Data Common Pin
COM2
Common Pin
5
GND
Ground Connection
GND
Ground Connection
GND
Ground Connection
6
R
Audio Right Input
R
Audio Right Input
NC2
Normally Closed Pin
7
L
Audio Left Input
L
Audio Left Input
NC1
Normallly Closed Pin
8
D+
USB Differential Input
D+
USB Differential Input
NO2
Normally Open Pin
9
D-
USB Differential Input
D-
USB Differential Input
NO1
Normallly Open Pin
10
VTERM
USB VTERM Voltage, Outputs
3.3V to 4.0V when VBUS = 4.4V
to 5.25V and VDD = logic “1” and
connected to Upstream USB
Termination.
N.C.
No Connect
IN1
Digital Control Input
ISL54400, ISL54401, ISL54402


Similar Part No. - ISL54402EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54402EVAL1Z RENESAS-ISL54402EVAL1Z Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
More results

Similar Description - ISL54402EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
ISL54207 INTERSIL-ISL54207 Datasheet
468Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
logo
Renesas Technology Corp
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com