Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5602MP45X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5602MP45X
Description  Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5602MP45X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5602MP45X Datasheet HTML 1Page - Fairchild Semiconductor FAN5602MP45X Datasheet HTML 2Page - Fairchild Semiconductor FAN5602MP45X Datasheet HTML 3Page - Fairchild Semiconductor FAN5602MP45X Datasheet HTML 4Page - Fairchild Semiconductor FAN5602MP45X Datasheet HTML 5Page - Fairchild Semiconductor FAN5602MP45X Datasheet HTML 6Page - Fairchild Semiconductor FAN5602MP45X Datasheet HTML 7Page - Fairchild Semiconductor FAN5602MP45X Datasheet HTML 8Page - Fairchild Semiconductor FAN5602MP45X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5602 Rev. 1.5.0
3
Pin Assignments
Figure 4. Pin Assignments
Pin Descriptions
Pin #
Name
Description
1VIN
Supply Voltage Input.
2
C2+
Bucket Capacitor2. Positive Connection.
3
C2-
Bucket Capacitor2. Negative Connection.
4
GND
Ground
5
C1-
Bucket Capacitor1. Negative Connection.
6VOUT
Regulated Output Voltage. Bypass this pin with 10
μF ceramic low-ESR capacitor.
7
C1+
Bucket Capacitor1. Positive Connection.
8
ENABLE
Enable Input. Logic high enables the chip and logic low disables the chip, reducing the
supply current to less than 1µA. Do not float this pin.
3x3mm 8-Lead MLP
GND
V
IN
C2+
C2-
C1+
C1-
V
OUT
ENABLE
1
2
3
4
5
6
7
8


Similar Part No. - FAN5602MP45X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602MP45X FAIRCHILD-FAN5602MP45X Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602MP45X FAIRCHILD-FAN5602MP45X Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602MP45X ONSEMI-FAN5602MP45X Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results

Similar Description - FAN5602MP45X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
logo
Linear Technology
LTC3240-2.5 LINER-LTC3240-2.5_15 Datasheet
213Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
LTC3240 LINER-LTC3240 Datasheet
208Kb / 12P
   3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com