Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97634IRT14Z-TK Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL97634IRT14Z-TK
Description  White LED Driver with Wide PWM Dimming Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634IRT14Z-TK Datasheet(HTML) 2 Page - Intersil Corporation

  ISL97634IRT14Z-TK Datasheet HTML 1Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 2Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 3Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 4Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 5Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 6Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 7Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 8Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6264.2
April 10, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
LX Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
FBSW Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance
θJA (°C/W) θJC (°C/W)
TDFN Package (Notes 1, 2). . . . . . . . .
77
12
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed over temperature of -40°C to +85°C unless otherwise stated. Typ values are for
information purposes only at TJ = TC = TA = +25°C.
NOTE:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VIN = VPWM/EN = 3V
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VIN
Supply Voltage
2.4
5.5
V
IIN
Supply Current
PWM/EN = 3V, enabled, not switching
0.8
1.5
mA
PWM/EN = 0V, disabled
1
μA
fSW
Switching Frequency
1,300
1,450
1,600
kHz
DMAX
Maximum Switching Duty
Cycle
90
95
%
ILIM
LX Current
400
470
mA
RSW(LX)
LX Switch ON-Resistance
ILX = 100mA
900
m
Ω
ILEAK
LX Switch Leakage Current
VLX = 28V
0.01
1
μA
VFB
Feedback Voltage
90
95
100
mV
IFB
FB Pin Bias Current
VFB = 95mV
1
μA
RSW(FBSW)
FBSW Switch ON-Resistance
10
Ω
VDIODE
Schottky Diode Forward
Voltage
IDIODE = 100mA, TA = +25°C
600
850
mV
OVP
Overvoltage Protection
ISL97634IRT14Z
14
V
ISL97634IRT18Z
18
V
ISL97634IRT26Z
26
28
V
VIL
Logic Low Voltage of
PWM/EN
0.6
V
VIH
Logic High Voltage of
PWM/EN
1.5
V
ISL97634


Similar Part No. - ISL97634IRT14Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634IRT14Z-TK RENESAS-ISL97634IRT14Z-TK Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
More results

Similar Description - ISL97634IRT14Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-T INTERSIL-ISL97634IRT14Z-T Datasheet
584Kb / 12P
   White LED Driver with Wide PWM Dimming Range
August 27, 2013
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
   4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com