Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7310 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7310
Description  LCD Back Light Inverter Drive IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7310 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7310_05 Datasheet HTML 1Page - Fairchild Semiconductor FAN7310_05 Datasheet HTML 2Page - Fairchild Semiconductor FAN7310_05 Datasheet HTML 3Page - Fairchild Semiconductor FAN7310_05 Datasheet HTML 4Page - Fairchild Semiconductor FAN7310_05 Datasheet HTML 5Page - Fairchild Semiconductor FAN7310_05 Datasheet HTML 6Page - Fairchild Semiconductor FAN7310_05 Datasheet HTML 7Page - Fairchild Semiconductor FAN7310_05 Datasheet HTML 8Page - Fairchild Semiconductor FAN7310_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FAN7310
4
Absolute Maximum Ratings
For typical values Ta=25
°C, Vcc=12V and for min/max values Ta is the operating ambient temperature range with
-25
°C ≤ Ta ≤ 85°C and 5V ≤ Vcc ≤ 24V, unless otherwise specified.
Note:
1. Thermal resistance test board
Size: 76.2mm * 114.3mm * 1.6mm(1S0P)
JEDEC standard: JESD51-3, JESD51-7
2. Assume no ambient airflow
Characteristics
Symbol
Value
Unit
Supply Voltage
VCC
5 ~ 24
V
Operating Temperature Range
Topr
-25 ~ 85
°C
Storage Temperature Range
Tstg
-65 ~ 150
°C
Thermal Resistance Junction-Air (Note1,2)
R
θJA
112
°C/W
Power Dissipation
Pd
1.1
W


Similar Part No. - FAN7310_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310_07 Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
More results

Similar Description - FAN7310_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7300 FAIRCHILD-FAN7300 Datasheet
672Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7315 FAIRCHILD-FAN7315 Datasheet
315Kb / 8P
   LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310 Datasheet
360Kb / 10P
   LCD Back Light Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
   Dual LCD Back Light Inverter Drive IC
logo
Renesas Technology Corp
M62295GP RENESAS-M62295GP Datasheet
169Kb / 11P
   LCD Back-light Control IC
logo
Mitsubishi Electric Sem...
M62295GP MITSUBISHI-M62295GP Datasheet
57Kb / 7P
   LCD BACK-LIGHT CONTROL IC
logo
Fairchild Semiconductor
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com