Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97536IUZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL97536IUZ
Description  Monolithic 1A Step-Down Regulator with Low Quiescent Current
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97536IUZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL97536IUZ Datasheet HTML 1Page - Intersil Corporation ISL97536IUZ Datasheet HTML 2Page - Intersil Corporation ISL97536IUZ Datasheet HTML 3Page - Intersil Corporation ISL97536IUZ Datasheet HTML 4Page - Intersil Corporation ISL97536IUZ Datasheet HTML 5Page - Intersil Corporation ISL97536IUZ Datasheet HTML 6Page - Intersil Corporation ISL97536IUZ Datasheet HTML 7Page - Intersil Corporation ISL97536IUZ Datasheet HTML 8Page - Intersil Corporation ISL97536IUZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN6279.0
October 5, 2006
FIGURE 7. START-UP AT IO = 600mA
FIGURE 8. PWM STEADY-STATE OPERATION (IO = 600mA)
FIGURE 9. EXTERNAL SYNCHRONIZATION TO 2MHz
FIGURE 10. EXTERNAL SYNCHRONIZATION TO 12MHz
FIGURE 11. LOAD TRANSIENT RESPONSE (22mA TO 600mA)
FIGURE 12. LOAD TRANSIENT RESPONSE
(30mA TO 600mA)
Performance Curves and Waveforms (Continued)
All waveforms are taken at VIN = 3.3V, VO = 1.8V, IO = 600mA with component values shown on page 1 at room ambient temperature, unless
otherwise noted.
VOUT
VIN
IIN
0.5µs/DIV
LX
(2V/DIV)
IL
(0.5A/DIV)
∆VO
(10mV/DIV)
SYNC
(2V/DIV)
LX
(2V/DIV)
0.2µs/DIV
IL
(0.5A/DIV)
20ns/DIV
SYNC
(2V/DIV)
LX
(2V/DIV)
IL
(0.5A/DIV)
100µs/DIV
IO
(200mA/DIV)
∆VO
(100mV/DIV)
50µs/DIV
IO
(200mA/DIV)
∆VO
(100mV/DIV)
ISL97536


Similar Part No. - ISL97536IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97536IUZ INTERSIL-ISL97536IUZ Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536IUZ RENESAS-ISL97536IUZ Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536IUZ-T INTERSIL-ISL97536IUZ-T Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536IUZ-T RENESAS-ISL97536IUZ-T Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536IUZ-TK INTERSIL-ISL97536IUZ-TK Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results

Similar Description - ISL97536IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536 RENESAS-ISL97536 Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com