Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7311G Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7311G
Description  LCD Backlight Inverter Drive IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7311G Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7311G Datasheet HTML 2Page - Fairchild Semiconductor FAN7311G Datasheet HTML 3Page - Fairchild Semiconductor FAN7311G Datasheet HTML 4Page - Fairchild Semiconductor FAN7311G Datasheet HTML 5Page - Fairchild Semiconductor FAN7311G Datasheet HTML 6Page - Fairchild Semiconductor FAN7311G Datasheet HTML 7Page - Fairchild Semiconductor FAN7311G Datasheet HTML 8Page - Fairchild Semiconductor FAN7311G Datasheet HTML 9Page - Fairchild Semiconductor FAN7311G Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7311 Rev. 1.0.6
6
Electrical Characteristics (Continued)
For typical values, TA=25°C and VIN=12V. For min. and max. values, TA is the operating ambient temperature range
with -25°C ≤ TA ≤ 85°C and 5V ≤ VIN ≤ 25.5V, unless otherwise specified. Specifications from -25°C to 85°C are guar-
anteed by design based on final characterization results.
Note:
4. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
ON/OFF SECTION
Von
On State Input Voltage
2
5
V
Voff
Off Stage Input Voltage
0.7
V
OUTPUT SECTION
Vpdhv PMOS Gate High Voltage
VIN = 12V
VIN
V
Vphlv
PMOS Gate Low Voltage
VIN = 12V
VIN-10.5 VIN-8.5 VIN-6.5
V
Vndhv NMOS Gate Drive Voltage
VIN = 12V
6.5
8.5
10.5
V
Vndhv NMOS Gate Drive Voltage
VIN = 12V
0
V
Vpuv
PMOS Gate Voltage With UVLO Activated VIN = Vth-0.2
VIN-0.3
V
Vnuv
NMOS Gate Voltage With UVLO Activated VIN = Vth-0.2
0.3
V
tr
Rising Time(4)
VIN = 12V, CL=2nF
200
500
ns
tf
Falling Time(4)
VIN = 12V, CL=2nF
200
500
ns
MAX./MIN. OVERLAP
Min. Overlap Between Diagonal
Switches(4)
fosc = 100kHz
0
%
Max. Overlap Between Diagonal
Switches(4)
fosc = 100kHz
100
%
DELAY TIME
PDR_A/NDR_B(4)
RT = 18kΩ
450
ns
PDR_C/NDR_D(4)
RT = 18kΩ
450
ns


Similar Part No. - FAN7311G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7311G FAIRCHILD-FAN7311G Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7311G FAIRCHILD-FAN7311G Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7311GX FAIRCHILD-FAN7311GX Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7311GX FAIRCHILD-FAN7311GX Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7311G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com