Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5570 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5570
Description  Brushless DC motor controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5570 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5570 Datasheet HTML 1Page - NXP Semiconductors SA5570 Datasheet HTML 2Page - NXP Semiconductors SA5570 Datasheet HTML 3Page - NXP Semiconductors SA5570 Datasheet HTML 4Page - NXP Semiconductors SA5570 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA5570
Brushless DC motor controller
August 31, 1994
1153
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNIT
TA
Ambient temperature range
NE Grade
0 to 70
°C
SA Grade
-40 to 85
°C
SE Grade
-55 to 125
°C
TJ
Junction temperature range
NE Grade
0 to 90
°C
SA Grade
-40 to 105
°C
SE Grade
-55 to 145
°C
VDD
Supply voltage
9.6 to 14.4
V
DC ELECTRICAL CHARACTERISTICS
Limits apply at VDD=12V ±10%, VREF=5V and over operating temperature range unless otherwise specified. Typical data applies at TA=25°C
SYMBOL
PARAMETER
TEST CONDITIONS
SA/NE5570
SE5570
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
Oscillator
fO
Frequency initial accuracy
TA=25°C, RT=2.49kΩ, CT=22nF
18.5
20
21
18.5
20
21
kHz
fC
Frequency drift over temp
RT=2.49kΩ, CT=22nF
18
22
18
22
kHz
Supply voltage sensitivity
TA=25°C
±2
±2
%/V
Output pulse width
TA=25°C, RT=2.49kΩ, CT=22nF
500
1000
500
1000
ns
Motor Phase Pre-Drivers
tR
Rise time
RL=2kΩ to Gnd, CL=2nF
[1V to 11V]
500
500
ns
tF
Fall time
RL=2kΩ to VCC, CL=2nF
[1V to 11V]
500
500
ns
IOUT
ISOURCE
VOH=8V
80
80
mA
IOUT
ISINK
VOL=3.1V
80
80
mA
VOH
ISOURCE=5mA
11
11.8
11
11.8
V
VOUT
VOH
ISOURCE=80mA (over temp)
8
10
8
10
V
VOL
ISINK=5mA
0.4
1
0.4
1
V
VOL
ISINK=80mA (over temp)
2
3.1
2
3.1
PWM Comparator
IBIAS
Input bias current
1
1
µA
Current Sense Comparator
IBIAS
Input bias current
1
1
µA
VTH
Current sense trip level
350
500
600
350
500
600
mV
tPD
Propagation delay to output
drivers
CL=2nF
250
250
ns
Error Amplifier
IBIAS
Input bias current
1
1
µA
VCM
Input common-mode voltage
range
0
5
0
5
V
VOL
Large-signal voltage gain
VOUT=1V to 11V
70
90
70
90
dB
PSRR
Power supply rejection ratio
60
60
dB
VO
Output voltage swing
VIN=+50mV, IL=-150µA
VIN=-50mV, IL=+150µA
11.5
11.7
0.2
0.5
11.5
11.7
0.2
0.5
V
V
DC ELECTRICAL CHARACTERISTICS
(Continued) Limits apply at VDD=12V +10%, VREF=5V and over operating temperature range unless otherwise specified. Typical data applies at
TA=25°C.


Similar Part No. - SA5570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
   PULSE WIDTH MODULATION AMPLIFIER
logo
AUK corp
SA5511 AUK-SA5511 Datasheet
207Kb / 3P
   LED Lamp
SA5511 AUK-SA5511 Datasheet
181Kb / 4P
   LED Lamp
logo
KODENSHI_AUK CORP.
SA5511 KODENSHI-SA5511 Datasheet
253Kb / 3P
   LAMP LED
logo
AUK corp
SA5511B AUK-SA5511B Datasheet
207Kb / 3P
   LED Lamp
More results

Similar Description - SA5570

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com