Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28486FAZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28486FAZ
Description  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28486FAZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28486FAZ Datasheet HTML 1Page - Intersil Corporation ISL28486FAZ Datasheet HTML 2Page - Intersil Corporation ISL28486FAZ Datasheet HTML 3Page - Intersil Corporation ISL28486FAZ Datasheet HTML 4Page - Intersil Corporation ISL28486FAZ Datasheet HTML 5Page - Intersil Corporation ISL28486FAZ Datasheet HTML 6Page - Intersil Corporation ISL28486FAZ Datasheet HTML 7Page - Intersil Corporation ISL28486FAZ Datasheet HTML 8Page - Intersil Corporation ISL28486FAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6312.0
September 22, 2006
GBW
Gain Bandwidth Product
400
kHz
IS,ON
Supply Current, Enabled
All channels enabled.
120
156
175
µA
IS,OFF
Supply Current, Disabled
All channels disabled.
4
7
9
µA
ISC+
Short Circuit Sourcing Capability
RL = 10Ω
29
23
31
mA
ISC-
Short Circuit Sinking Capability
RL = 10Ω
24
19
26
mA
VS
Minimum Supply Voltage
2.4
V
VINH
Enable Pin High Level
2
V
VINL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.7
1.3
1.5
µA
IENL
Enable Pin Input Current
VEN = 0V
-0.1
0
+0.1
µA
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C, temperature data
guaranteed by characterization (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 2. FREQUENCY RESPONSE vs SUPPLY VOLTAGE
FIGURE 3. INPUT OFFSET VOLTAGE vs OUTPUT VOLTAGE
FIGURE 4. INPUT OFFSET VOLTAGE vs COMMON-MODE
INPUT VOLTAGE
Vout = 50mVp-p
AV = 1
CL = 3pF
RF = 0/RG = INF
8
-5
-4
-3
0
+1
-2
-1
-7
-6
10k
100k
1M
FREQUENCY (Hz)
1k
VS = ±2.5V
RL = 10k
5M
VS = ±1.2V
RL = 10k
VS = ±2.5V
RL = 1k
VS = ±1.2V
RL = 1k
AV = 100
RL = 10kΩ
CL = 2.7pF
RF/RG = 99.02
RF = 221kΩ
RG = 2.23kΩ
0
15
20
25
40
45
30
35
5
10
100
10k
100k
1M
FREQUENCY (Hz)
1k
VS = ±1.0V
VS = ±1.25V
VS = ±2.5V
-200
-100
0
150
200
50
100
05
OUTPUT VOLTAGE (V)
13
24
VCM = VDD/2
AV = -1
-150
-50
VDD = 2.5V
VDD = 5V
-100
-80
-20
0
-60
-40
05
COMMON-MODE INPUT VOLTAGE (V)
13
24
VOS, µV
ISL28286, ISL28486


Similar Part No. - ISL28486FAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28486FAZ INTERSIL-ISL28486FAZ Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
logo
Renesas Technology Corp
ISL28486FAZ RENESAS-ISL28486FAZ Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
More results

Similar Description - ISL28486FAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com