Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21009DFB825Z-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL21009DFB825Z-TK
Description  Precision, Low Noise FGA??Voltage References
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009DFB825Z-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL21009DFB825Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6327.1
February 14, 2007
Typical Performance Curves (ISL21009-50) (R
EXT = 100kΩ)
FIGURE 16. IIN vs VIN 3 UNITS
FIGURE 17. IIN vs VIN, 3 TEMPERATURES
FIGURE 18. LINE REGULATION
FIGURE 19. LINE REGULATION OVER TEMPERATURE
FIGURE 20. LOAD REGULATION
0
20
40
60
80
100
120
140
5.5
6.5
7.5
8.5
9.5 10.5 11.5 12.5 13.5 14.5 15.5 16.5
VIN (V)
112µA
104µA
95µA
80
90
100
110
5.5
6.5
7.5
8.5
9.5 10.5 11.5 12.5 13.5 14.5 15.5 16.5
VIN (V)
+25°C
-40°C
+125°C
4.9994
4.9995
4.9996
4.9997
4.9998
4.9999
5.0000
5.0001
5.5
6.5
7.5
8.5
9.5 10.5 11.5 12.5 13.5 14.5 15.5 16.5
VIN (V)
112µA
104µA
95µA
-700
-600
-500
-400
-300
-200
-100
0
100
5.5
6.5
7.5
8.5
9.5 10.5 11.5 12.5 13.5 14.5 15.5 16.5
VIN (V)
+25°C
-40°C
+125°C
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
-7
-6
-5
-4
-3
-2
-1
0
SINKING
SOURCING
1234
567
OUTPUT CURRENT (mA)
+25°C
-40°C
+125°C
ISL21009


Similar Part No. - ISL21009DFB825Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009DFB825Z INTERSIL-ISL21009DFB825Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009DFB825Z INTERSIL-ISL21009DFB825Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009DFB825Z RENESAS-ISL21009DFB825Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results

Similar Description - ISL21009DFB825Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com