Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA16N60 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FCA16N60
Description  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCA16N60 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FCA16N60 Datasheet HTML 1Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 2Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 3Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 4Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 5Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 6Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 7Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 8Page - Fairchild Semiconductor FCA16N60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
FCA16N60 REV. A1
Mechanical Dimensions
15.60 ±0.20
4.80 ±0.20
13.60 ±0.20
9.60 ±0.20
2.00 ±0.20
3.00 ±0.20
1.00 ±0.20
1.40 ±0.20
ø3.20 ±0.10
1.50
+0.15
–0.05
0.60
+0.15
–0.05
5.45TYP
[5.45 ±0.30]
5.45TYP
[5.45 ±0.30]
TO-3P
Dimensions in Millimeters


Similar Part No. - FCA16N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCA16N60 FAIRCHILD-FCA16N60 Datasheet
905Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60 Datasheet
755Kb / 9P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FCA16N60N FAIRCHILD-FCA16N60N Datasheet
523Kb / 8P
   N-Channel MOSFET 600V, 16A, 0.170W
logo
Inchange Semiconductor ...
FCA16N60N ISC-FCA16N60N Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCA16N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com