Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54205EVAL1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL54205EVAL1Z
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205EVAL1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL54205EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6342.1
December 7, 2006
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6.0V
Input Voltages
D+, D-, L, R (Note 2) . . . . . . . . . . . . . . . . . - 2V to ((VDD) + 0.3V)
VBUS (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
CTRL (Note 2) . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V)
Output Voltages
COM-, COM+ (Note 2) . . . . . . . . . . . . . . . . -2V to ((VDD) + 0.3V)
Continuous Current (Audio Switches) . . . . . . . . . . . . . . . . . ±150mA
Peak Current (Audio Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±300mA
Continuous Current (USB Switches). . . . . . . . . . . . . . . . . . . ±40mA
Peak Current (USB Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . ±100mA
ESD Rating:
HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >7kV
MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >450V
CDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2kV
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
10 Ld
μTQFN Package . . . . . . . . . . . . . . . . . . . . . . .
130
10 Ld 3x3 TDFN Package . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . -65°C to +150°C
Operating Conditions
Temperature Range
ISL54205AIRUZ and ISL54205AIRZ . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on D+, D-, L, R, COM-, COM+, CTRL, VBUS exceeding VDD or GND by specified amount are clamped. Limit current to maximum current
ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VCTRLH =1.4V, VCTRLL = 0.5V, (Notes 4, 6), unless otherwise specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
ANALOG SWITCH CHARACTERISTICS
Audio Switches (L, R)
Analog Signal Range, VANALOG
VDD = 3.0V, VBUS = float, CTRL = 1.4V
Full
-1.5
-
1.5
V
ON Resistance, rON
VDD = 3.0V, VBUS = float, CTRL = 1.4V,
ICOMx = 100mA, VL or VR = -0.85V to 0.85V,
(See Figure 3)
+25
-
2.65
4
Ω
Full
-
-
5.5
Ω
rON Matching Between Channels,
ΔrON
VDD = 3.0V, VBUS = float, CTRL = 1.4V, ICOMx = 100mA,
VL or VR = Voltage at max rON over signal range of -0.85V
to 0.85V, (Note 9)
+25
-
0.02
0.13
Ω
Full
-
-
0.16
Ω
rON Flatness, rFLAT(ON)
VDD = 3.0V, VBUS = float, CTRL = 1.4V,
ICOMx = 100mA, VL or VR = -0.85V to 0.85V, (Note 7)
+25
-
0.03
0.05
Ω
Full
-
-
0.07
Ω
Discharge Pull-Down Resistance,
RL, RR
VDD = 3.6V, VBUS = float, CTRL = 1.4V, VCOM- or
VCOM+ = -0.85V, 0.85V, VL or VR = -0.85V, 0.85V,
VD+ and VD- = floating, Measure current through the
discharge pull-down resistor and calculate resistance
value.
+25
-
50
-
k
Ω
USB Switches (D+, D-)
Analog Signal Range, VANALOG
VDD = 3.0V, VBUS = 5.0V, CTRL = 0V or 3V
Full
0
-
VDD
V
ON Resistance, rON
VDD = 3.6V, VBUS = 4.4V, CTRL = 0V or 3.6V,
ICOMx = 40mA, VD+ or VD- = 0V to 400mV
(See Figure 4)
+25
-
4.6
5
Ω
Full
-
-
6.5
Ω
rON Matching Between Channels,
Δr
ON
VDD = 3.6V, VBUS = 4.4V, CTRL = 0V or 3.6V,
ICOMx = 40mA, VD+ or VD- = Voltage at max rON,
(Note 8)
+25
-
0.06
0.5
Ω
Full
-
-
0.55
Ω
ISL54205A


Similar Part No. - ISL54205EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54205EVAL1Z INTERSIL-ISL54205EVAL1Z Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205EVAL1Z RENESAS-ISL54205EVAL1Z Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205EVAL1Z RENESAS-ISL54205EVAL1Z Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54205EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com