Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL83204A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL83204A
Description  60V/2.5A Peak, High Frequency Full Bridge FET Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL83204A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL83204A Datasheet HTML 6Page - Intersil Corporation ISL83204A Datasheet HTML 7Page - Intersil Corporation ISL83204A Datasheet HTML 8Page - Intersil Corporation ISL83204A Datasheet HTML 9Page - Intersil Corporation ISL83204A Datasheet HTML 10Page - Intersil Corporation ISL83204A Datasheet HTML 11Page - Intersil Corporation ISL83204A Datasheet HTML 12Page - Intersil Corporation ISL83204A Datasheet HTML 13Page - Intersil Corporation ISL83204A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6397.2
March 20, 2007
FIGURE 10. DIS LOW LEVEL INPUT CURRENT IIL vs
TEMPERATURE
FIGURE 11. HEN LOW LEVEL INPUT CURRENT IIL vs
TEMPERATURE
FIGURE 12. AHB - AHS, BHB - BHS NO-LOAD CHARGE PUMP
VOLTAGE vs TEMPERATURE
FIGURE 13. UPPER DISABLE TURN-OFF PROPAGATION
DELAY tDISHIGH vs TEMPERATURE
FIGURE 14. DISABLE TO UPPER ENABLE tUEN
PROPAGATION DELAY vs TEMPERATURE
FIGURE 15. LOWER DISABLE TURN-OFF PROPAGATION
DELAY tDISLOW vs TEMPERATURE
Typical Performance Curves VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V,
RHDEL = RLDEL = 100k, and TA = +25°C, Unless Otherwise Specified. (Continued)
-50
-25
0
25
50
75
100
125
-120
-110
-100
-90
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
-230
-220
-210
-200
-190
-180
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
10
11
12
13
14
15
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
30
40
50
60
70
80
JUNCTION TEMPERATURE (°C)
425
450
475
500
525
-50
-25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
30
40
50
60
70
80
JUNCTION TEMPERATURE (°C)
ISL83204A


Similar Part No. - ISL83204A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83204A RENESAS-ISL83204A Datasheet
638Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
ISL83204A INTERSIL-ISL83204A Datasheet
237Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
March 20, 2007
ISL83204AIBZ INTERSIL-ISL83204AIBZ Datasheet
237Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
March 20, 2007
logo
Renesas Technology Corp
ISL83204AIBZ RENESAS-ISL83204AIBZ Datasheet
638Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
ISL83204AIPZ INTERSIL-ISL83204AIPZ Datasheet
237Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
March 20, 2007
More results

Similar Description - ISL83204A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL83204A RENESAS-ISL83204A Datasheet
638Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
ISL83204AIPZ INTERSIL-ISL83204AIPZ Datasheet
237Kb / 15P
   60V/2.5A Peak, High Frequency Full Bridge FET Driver
March 20, 2007
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HCA10008 INTERSIL-HCA10008 Datasheet
87Kb / 13P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
August 1999
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080 INTERSIL-HIP4080_03 Datasheet
761Kb / 21P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081 INTERSIL-HIP4081 Datasheet
216Kb / 18P
   80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com