Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54207IRUZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL54207IRUZ-T
Description  Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54207IRUZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL54207IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54207IRUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN6403.0
December 5, 2006
Repeat test for all switches.
FIGURE 5. CAPACITANCE TEST CIRCUIT
Signal direction through switch is reversed, worst case
values are recorded. Repeat test for all switches
FIGURE 6. AUDIO CROSSTALK TEST CIRCUIT
FIGURE 7A. MEASUREMENT POINTS
FIGURE 7B. TEST CIRCUIT
FIGURE 7. SKEW TEST
Test Circuits and Waveforms (Continued)
VDD
C
GND
NCx or NOx
COMx
VBUS
IMPEDANCE
ANALYZER
VBUSL or
CTRL
VBUSH
0V or Float
ANALYZER
VDD
C
NCx
SIGNAL
GENERATOR
RL
GND
VBUS
COMx
75
Ω
N.C.
COMx
R or L
CTRL
DIN+
DIN-
OUT+
OUT-
50%
50%
90%
10%
10%
10%
10%
90%
90%
50%
90%
50%
tri
tfi
tro
tf0
tskew_i
tskew_o
OUT+
CL
COM2
NO1
GND
VDD
C
NO2
COM1
CL
OUT-
DIN+
DIN-
|tro - tri| Delay Due to Switch for Rising Input and Rising Output Signals.
|tfo - tfi| Delay Due to Switch for Falling Input and Falling Output Signals
|tskew_0| Change in Skew through the Switch for Output Signals.
|tskew_i| Change in Skew through the Switch for Input Signals.
15.8
Ω
15.8
Ω
143
Ω
143
Ω
45
Ω
45
Ω
CTRL
VBUS
VBUSH
ISL54207


Similar Part No. - ISL54207IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54207IRUZ-T RENESAS-ISL54207IRUZ-T Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
More results

Similar Description - ISL54207IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54207 RENESAS-ISL54207 Datasheet
833Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54208 RENESAS-ISL54208 Datasheet
890Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54415 RENESAS-ISL54415 Datasheet
871Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54208 INTERSIL-ISL54208 Datasheet
447Kb / 15P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches, with Negative Signal Capability
ISL54416 INTERSIL-ISL54416 Datasheet
490Kb / 14P
   Low Voltage, Dual SPDT, USB/CVBS/ Audio Switches with Negative Signal Capability
logo
Renesas Technology Corp
ISL54400 RENESAS-ISL54400 Datasheet
839Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Intersil Corporation
ISL54400 INTERSIL-ISL54400 Datasheet
466Kb / 15P
   Low Voltage, Dual SPDT, USB/Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
   Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com