Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59123 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL59123
Description  Triple Channel Video Driver with LPF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59123 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL59123 Datasheet HTML 2Page - Intersil Corporation ISL59123 Datasheet HTML 3Page - Intersil Corporation ISL59123 Datasheet HTML 4Page - Intersil Corporation ISL59123 Datasheet HTML 5Page - Intersil Corporation ISL59123 Datasheet HTML 6Page - Intersil Corporation ISL59123 Datasheet HTML 7Page - Intersil Corporation ISL59123 Datasheet HTML 8Page - Intersil Corporation ISL59123 Datasheet HTML 9Page - Intersil Corporation ISL59123 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN6432.1
April 4, 2007
Application Information
The ISL59123 is a single-supply rail-to-rail triple video low-
pass filter and amplifier with a -3dB bandwidth of 18MHz. It
provides anti-aliasing for component, s-video, and
composite video signals. Its small size and low power make
the ISL59123 ideal for portable video applications.
The Sallen Key Low Pass Filter
The Sallen Key is a classic low pass configuration. This
provides a very stable low pass function, and in the case of
the ISL59123, a three-pole roll-off at 18MHz. The three-pole
function is accomplished with an RC low pass network placed
in series with and before the Sallen Key. The first pole is
formed by an RC network (including the impedance of the
source driving the ISL59123), with poles two and three
generated by a Sallen Key, creating a three-pole roll-off
characteristic at 18MHz.
Output Coupling
The ISL59123 can be AC or DC coupled to its output. When
AC coupled, a 220µF coupling capacitor is recommended to
ensure that low frequencies are passed, preventing video
“tilt” or “droop” across a line.
Output Drive Capability
The ISL59123 does not have internal short circuit protection
circuitry. If the output is shorted indefinitely, the power
dissipation could easily overheat the die or the current could
eventually compromise metal integrity. Maximum reliability is
maintained if the output current never exceeds ±40mA. This
limit is set by the design of the internal metal interconnect. Note
that for transient short circuits, the part is robust.
Short circuit protection can be provided externally with a back
match resistor in series with the output placed close as possible
to the output pin. In video applications this would be a 75
Ω
resistor and will provide adequate short circuit protection to the
device. Care should still be taken not to stress the device with a
short at the output.
Power Dissipation
With the high output drive capability of the ISL59123, it is
possible to exceed the +125°C absolute maximum junction
temperature under certain load current conditions.
Therefore, it is important to calculate the maximum junction
temperature for an application to determine if load conditions
or package types need to be modified to assure operation of
the amplifier in a safe operating area.
The maximum power dissipation allowed in a package is
determined according to Equation 1:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
for sourcing use Equation 2:
for sinking use Equation 3:
Where:
VS = Supply voltage
ISMAX = Maximum quiescent supply current
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
ILOAD = Load current
Power Supply Bypassing Printed Circuit Board
Layout
As with any modern operational amplifier, a good printed
circuit board layout is necessary for optimum performance.
Lead lengths should be as short as possible. The power
supply pin must be well bypassed to reduce the risk of
oscillation. For normal single supply operation, a single
4.7µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor from VDD to GND will suffice.
Printed Circuit Board Layout
For good AC performance, parasitic capacitance should be
kept to minimum. Use of wire wound resistors should be
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance.
PD
MAX
T
JMAX
T
AMAX
θ
JA
---------------------------------------------
=
(EQ. 1)
PD
MAX
V
S
I
SMAX
V
S
V
OUT
()
+
×
V
OUT
R
L
----------------
×
=
(EQ. 2)
PD
MAX
V
S
I
SMAX
V
OUT
V
S
()
+
×
I
LOAD
×
=
(EQ. 3)
ISL59123


Similar Part No. - ISL59123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59123 RENESAS-ISL59123 Datasheet
767Kb / 10P
   Triple Channel Video Driver with LPF
ISL59123IIZ-T7 RENESAS-ISL59123IIZ-T7 Datasheet
767Kb / 10P
   Triple Channel Video Driver with LPF
More results

Similar Description - ISL59123

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
ISL59117 INTERSIL-ISL59117 Datasheet
365Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59117 RENESAS-ISL59117 Datasheet
629Kb / 10P
   Triple Channel Video Driver with LPF
logo
Intersil Corporation
ISL59115 INTERSIL-ISL59115 Datasheet
328Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59115 RENESAS-ISL59115 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
ISL59123 RENESAS-ISL59123 Datasheet
767Kb / 10P
   Triple Channel Video Driver with LPF
ISL59119 RENESAS-ISL59119 Datasheet
1Mb / 11P
   Triple Channel SD Video Driver with LPF
logo
Rohm
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com