Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM3105P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # OM3105P
Description  Hybrid integrated circuits for inductive proximity detectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM3105P Datasheet(HTML) 2 Page - NXP Semiconductors

  OM3105P Datasheet HTML 1Page - NXP Semiconductors OM3105P Datasheet HTML 2Page - NXP Semiconductors OM3105P Datasheet HTML 3Page - NXP Semiconductors OM3105P Datasheet HTML 4Page - NXP Semiconductors OM3105P Datasheet HTML 5Page - NXP Semiconductors OM3105P Datasheet HTML 6Page - NXP Semiconductors OM3105P Datasheet HTML 7Page - NXP Semiconductors OM3105P Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
January 1994
2
Philips Semiconductors
Preliminary specification
Hybrid integrated circuits for inductive
proximity detectors
OM3105P
FEATURES
• Extra small dimensions (3 x 20 mm max.)
• Wide supply voltage range (6 to 35 V)
• Supply current typical 1.5 mA (output stage
switched off)
• High output current (250 mA max.)
• RC filter on the supply lines
• PNP output transistor protected against transients from
the inductive load
• Circuit protected against wrong polarity connection of
the supply voltage
• Electronic short-circuit protection
• Detection distance adjustable by a chip resistor (Rd),
type 1206
• Only a simple coil in one part is required; e.g. the
OM2860 requires a coil in two parts
• Hysteresis adjustable by a chip resistor (R
h), type 0603,
for using the OM3105P with other then M5 coils
• Status of the output is shown by a yellow or red LED
mounted on the substrate surface
• The OM3105P is also available without a LED, but with
an output pad for external LED connection
• A version with a NPN output transistor is available
(OM3105P).
DESCRIPTION
The OM3105P is a hybrid integrated circuit intended for
inductive proximity detectors in a tubular construction,
especially the M5 hollow stud. The circuit performs a make
function (version 1): when actuated, the current flows
through the load, which can be for example a LED or an
optocoupler. It is also possible to perform a break function
when using version OM3115P.
Available versions:
OM3105P: pnp output; make function
OM3115P: pnp output; break function
OM3105N: npn output; make function
OM3115N: npn output; break function
OM31.5./0: for external LED connection.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VB
DC supply voltage
6
35
V
IO
output current
VB = 24 V; Ts = 25 °C
250
mA
fsw
operating switching frequency
M5 coil
5
kHz
Ts
operating substrate temperature
−20
+70
°C


Similar Part No. - OM3105P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM300L60CMA ETC1-OM300L60CMA Datasheet
70Kb / 3P
   OM300L60CMA
logo
NXP Semiconductors
OM361 PHILIPS-OM361 Datasheet
263Kb / 6P
   HYBRID INTEGRATED CIRCUIT VHF/UHF WIDE-BAND AMPLIFIER
December 1980
OM370 PHILIPS-OM370 Datasheet
238Kb / 6P
   HYBRID INTEGRATED CIRCUIT VHF/UHF WIDE-BAND AMPLFIER
December 1980
logo
List of Unclassifed Man...
OM3901SC ETC2-OM3901SC Datasheet
33Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
More results

Similar Description - OM3105P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
TDA0161 STMICROELECTRONICS-TDA0161_05 Datasheet
559Kb / 12P
   Proximity Detectors
TDE0160 STMICROELECTRONICS-TDE0160_05 Datasheet
590Kb / 18P
   Proximity Detectors
logo
Baumer IVO GmbH & Co. K...
IFRM_08P37A1_S35L IVO-IFRM_08P37A1_S35L Datasheet
77Kb / 1P
   Inductive proximity switch
IFRM-03N1505-CS35L IVO-IFRM-03N1505-CS35L Datasheet
77Kb / 1P
   Inductive proximity switch
IFRM-04N15A1-KS35PL IVO-IFRM-04N15A1-KS35PL Datasheet
76Kb / 1P
   Inductive proximity switch
IFRM-04N17A1-PL IVO-IFRM-04N17A1-PL Datasheet
71Kb / 1P
   Inductive proximity switch
IFRM-04N17A3-S35L IVO-IFRM-04N17A3-S35L Datasheet
74Kb / 1P
   Inductive proximity switch
IFRM-04N35A3-S05L IVO-IFRM-04N35A3-S05L Datasheet
74Kb / 1P
   Inductive proximity switch
IFRM-04N35B1-KS35PL IVO-IFRM-04N35B1-KS35PL Datasheet
77Kb / 1P
   Inductive proximity switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com