Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE30074 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE30074
Description  Light Emitting Diode (LED) 1206 Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30074 Datasheet(HTML) 1 Page - NTE Electronics

  NTE30074 Datasheet HTML 1Page - NTE Electronics NTE30074 Datasheet HTML 2Page - NTE Electronics NTE30074 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE30074 thru NTE30078
Light Emitting Diode (LED)
1206 Surface Mount
Features:
D Available in 5 Different Colors:
NTE30074 (Super Fresh Red, AllnGaP/GaAs)
NTE30075 (Super Green)
NTE30076 (Super Yellow, AllnGaP/GaAs)
NTE30077 (Super Orange, AllnGaP/GaAs)
NTE30078 (Super Blue)
D 3.2mm x 1.6mm (1206) SMT LED, 1.1mm Thickness
D Single Color
D Suitable for All SMT Assembly and Solder Process
D Ideal for Backlighting
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
DC Forward Current, IF
NTE30074, NTE30076, NTE30077
25mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30075, NTE30078
20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Current (Note 1), IF(peak)
NTE30074, NTE30076, NTE30077
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30075, NTE30078
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Voltage, VR
NTE30078
4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All Other Devices
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
NTE30074, NTE30076, NTE30077
100mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE30075, NTE30078
120mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic Discharge (NTE30075 & NTE30078 Only), ESD
150V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
LED Junction Temperature, TJ
NTE30078
+125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All Other devices
+100
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
−30
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reflow Soldering (Preheat +150
° to +180°C 60sec to 120sec, 10sec max)
+260
°C
. . . . . . . . . . . . . .
Note 1. 1/10 Duty Cycle, 0.1ms Pulse Width.


Similar Part No. - NTE30074

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3007 NTE-NTE3007 Datasheet
22Kb / 3P
   Discrete LED Indicators
NTE30070 NTE-NTE30070 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30071 NTE-NTE30071 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
More results

Similar Description - NTE30074

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30018 NTE-NTE30018 Datasheet
86Kb / 2P
   Light Emitting Diode (LED) 0603 Surface Mount
NTE30022 NTE-NTE30022 Datasheet
86Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30026 NTE-NTE30026 Datasheet
83Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30005 NTE-NTE30005 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0603 Surface Mount
NTE30011 NTE-NTE30011 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30088 NTE-NTE30088 Datasheet
88Kb / 2P
   Light Emitting Diode (LED) SOT−23 Surface Mount
NTE30081 NTE-NTE30081 Datasheet
87Kb / 3P
   Light Emitting Diode (LED) Right Angle Surface Mount
logo
Fairchild Semiconductor
QEB441TR FAIRCHILD-QEB441TR Datasheet
127Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
QEB441 FAIRCHILD-QEB441 Datasheet
121Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com