Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7535IY Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7535IY
Description  Monolithic 350mA Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7535IY Datasheet(HTML) 9 Page - Intersil Corporation

  EL7535IY Datasheet HTML 1Page - Intersil Corporation EL7535IY Datasheet HTML 2Page - Intersil Corporation EL7535IY Datasheet HTML 3Page - Intersil Corporation EL7535IY Datasheet HTML 4Page - Intersil Corporation EL7535IY Datasheet HTML 5Page - Intersil Corporation EL7535IY Datasheet HTML 6Page - Intersil Corporation EL7535IY Datasheet HTML 7Page - Intersil Corporation EL7535IY Datasheet HTML 8Page - Intersil Corporation EL7535IY Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7003.5
July 13, 2006
EL7535
Mini SO Package Family (MSOP)
1
(N/2)
(N/2)+1
N
PLANE
SEATING
N LEADS
0.10 C
PIN #1
I.D.
E1
E
b
DETAIL X
3° ±3°
GAUGE
PLANE
SEE DETAIL "X"
c
A
0.25
A2
A1
L
0.25
C A B
D
A
M
B
e
C
0.08
C A B
M
H
L1
MDP0043
MINI SO PACKAGE FAMILY
SYMBOL
MSOP8
MSOP10
TOLERANCE
NOTES
A1.10
1.10
Max.
-
A1
0.10
0.10
±0.05
-
A2
0.86
0.86
±0.09
-
b
0.33
0.23
+0.07/-0.08
-
c0.18
0.18
±0.05
-
D
3.00
3.00
±0.10
1, 3
E4.90
4.90
±0.15
-
E1
3.00
3.00
±0.10
2, 3
e0.65
0.50
Basic
-
L0.55
0.55
±0.15
-
L1
0.95
0.95
Basic
-
N
8
10
Reference
-
Rev. C 6/99
NOTES:
1. Plastic or metal protrusions of 0.15mm maximum per side are not
included.
2. Plastic interlead protrusions of 0.25mm maximum per side are
not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.


Similar Part No. - EL7535IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7535IY INTERSIL-EL7535IY Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7535IY-T13 INTERSIL-EL7535IY-T13 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7535IY-T7 INTERSIL-EL7535IY-T7 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7535IYZ INTERSIL-EL7535IYZ Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
logo
Renesas Technology Corp
EL7535IYZ RENESAS-EL7535IYZ Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
More results

Similar Description - EL7535IY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
   Monolithic 350mA Step-Down Regulator
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Intersil Corporation
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
   Monolithic 600mA Step-Down Regulator
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com