Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5411 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5411
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5411 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5411 Datasheet HTML 1Page - Intersil Corporation EL5411 Datasheet HTML 2Page - Intersil Corporation EL5411 Datasheet HTML 3Page - Intersil Corporation EL5411 Datasheet HTML 4Page - Intersil Corporation EL5411 Datasheet HTML 5Page - Intersil Corporation EL5411 Datasheet HTML 6Page - Intersil Corporation EL5411 Datasheet HTML 7Page - Intersil Corporation EL5411 Datasheet HTML 8Page - Intersil Corporation EL5411 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Specifications
VS+ = +15V, VS- = 0V, RL = 1kΩ to 7.5V, TA = +25°C, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 7)
7
µV/°C
IB
Input Bias Current
VCM = 7.5V
2
60
nA
RIN
Input Impedance
1
G
Ω
CIN
Input Capacitance
2
pF
CMIR
Common-Mode Input Range
-0.5
+15.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to 15.5V
53
72
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤ 14.5V
62
70
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = 5mA
14.85
14.92
V
ISC
Short-circuit Current
±180
mA
IOUT
Output Current
±65
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
60
80
dB
IS
Supply Current
No load (EL5111)
2.5
4.5
mA
No load (EL5211)
5
7.5
mA
No load (EL5411)
10
15
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 8)
1V
≤ VOUT ≤ 14V, 20% to 80%
75
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
80
ns
BW
-3dB Bandwidth
60
MHz
GBWP
Gain-Bandwidth Product
32
MHz
PM
Phase Margin
50
°
CS
Channel Separation
f = 5MHz (EL5211 and EL5411 only)
110
dB
dG
Differential Gain (Note 9)
RF = RG = 1kΩ and VOUT = 1.4V
0.16
%
dP
Differential Phase (Note 9)
RF = RG = 1kΩ and VOUT = 1.4V
0.22
°
NOTES:
7. Measured over operating temperature range
8. Slew rate is measured on rising and falling edges
9. NTSC signal generator used
5
FN7119.5
January 10, 2007
EL5111, EL5211, EL5411


Similar Part No. - EL5411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5411 INTERSIL-EL5411 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5411 RENESAS-EL5411 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5411 INTERSIL-EL5411 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5411IR INTERSIL-EL5411IR Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5411IR-T13 INTERSIL-EL5411IR-T13 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5411

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com