Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5193 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5193
Description  Single 300MHz Current Feedback Amplifier with Enable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5193 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5193_06 Datasheet HTML 1Page - Intersil Corporation EL5193_06 Datasheet HTML 2Page - Intersil Corporation EL5193_06 Datasheet HTML 3Page - Intersil Corporation EL5193_06 Datasheet HTML 4Page - Intersil Corporation EL5193_06 Datasheet HTML 5Page - Intersil Corporation EL5193_06 Datasheet HTML 6Page - Intersil Corporation EL5193_06 Datasheet HTML 7Page - Intersil Corporation EL5193_06 Datasheet HTML 8Page - Intersil Corporation EL5193_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Typical Performance Curves
Non-Inverting Frequency Response (Gain)
SOT-23 Package
1M
10M
100M
1G
6
2
-2
-6
-10
-14
Frequency (Hz)
AV=2
AV=5
AV=10
AV=1
RF=750Ω
RL=150Ω
Non-Inverting Frequency Response (Phase)
SOT-23 Package
1M
10M
100M
1G
90
0
-90
-180
-270
-360
Frequency (Hz)
AV=2
AV=5
AV=10
AV=1
RF=750Ω
RL=150Ω
Inverting Frequency Response (Gain)
SOT-23 Package
1M
10M
100M
1G
6
2
-2
-6
-10
-14
Frequency (Hz)
AV=-2
AV=-3
AV=-1
RF=500Ω
RL=150Ω
Inverting Frequency Response (Phase)
1M
10M
100M
1G
90
0
-90
-180
-270
-360
Frequency (Hz)
AV=-2
AV=-3
AV=-1
RF=500Ω
RL=150Ω
Frequency Response for Various RL
1M
10M
100M
1G
6
2
-2
-6
-10
-14
Frequency (Hz)
AV=2
RF=500Ω
RL=100Ω
RL=500Ω
RL=150Ω
Frequency Response for Various CIN-
1M
10M
100M
1G
10
6
2
-2
-6
-10
Frequency (Hz)
0pF added
2pF added
1pF added
AV=2
RF=500Ω
RL=150Ω
EL5193, EL5193A


Similar Part No. - EL5193_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5193_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Elantec Semiconductor
EL5193C ELANTEC-EL5193C Datasheet
368Kb / 17P
   Single 300MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com