Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7104CSZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7104CSZ-T7
Description  High Speed, Single Channel, Power MOSFET Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7104CSZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

  EL7104CSZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7104CSZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7104CSZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7104CSZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7104CSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7104CSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7104CSZ-T7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
EL7104
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M
CA
0.004 C
0.010
B
M
CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
TOLERANCE
NOTES
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
±0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
±0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
±0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
±0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
±0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
±0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
±0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
±0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. L 2/01
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994


Similar Part No. - EL7104CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7104CSZ-T7 INTERSIL-EL7104CSZ-T7 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Renesas Technology Corp
EL7104CSZ-T7 RENESAS-EL7104CSZ-T7 Datasheet
462Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
More results

Similar Description - EL7104CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Renesas Technology Corp
EL7104 RENESAS-EL7104 Datasheet
462Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816 TI-TPS2816 Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com