Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5227CL-T13 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5227CL-T13
Description  2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5227CL-T13 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5227CL-T13 Datasheet HTML 1Page - Intersil Corporation EL5227CL-T13 Datasheet HTML 2Page - Intersil Corporation EL5227CL-T13 Datasheet HTML 3Page - Intersil Corporation EL5227CL-T13 Datasheet HTML 4Page - Intersil Corporation EL5227CL-T13 Datasheet HTML 5Page - Intersil Corporation EL5227CL-T13 Datasheet HTML 6Page - Intersil Corporation EL5227CL-T13 Datasheet HTML 7Page - Intersil Corporation EL5227CL-T13 Datasheet HTML 8Page - Intersil Corporation EL5227CL-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7111.4
May 4, 2007
Pinouts
EL5127
(10 LD MSOP)
TOP VIEW
EL5227
(20 LD TSSOP)
TOP VIEW
EL5327
(24 LD TSSOP)
TOP VIEW
EL5427
(28 LD TSSOP)
TOP VIEW
EL5227, EL5327
(24 LD QFN)
TOP VIEW
EL5427
(32 LD QFN)
TOP VIEW
1
2
3
4
10
9
8
7
5
6
VIN1
VIN2
VS+
VIN3
VIN4
VOUT1
VOUT2
VOUT3
VOUT4
VS-
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
VIN1
VIN2
VIN3
VIN4
VS+
VOUT1
VOUT2
VOUT4
VS-
VOUT3
VS+
VIN5
VIN6
VIN7
VIN8
VS-
VOUT5
VOUT7
VOUT8
VOUT6
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
VIN1
VIN2
VIN3
VIN4
VIN5
VOUT1
VOUT2
VOUT4
VOUT5
VOUT3
VS+
VS+
VIN6
VIN7
VIN8
VS-
VS-
VOUT7
VOUT8
VOUT6
VIN9
VIN10
VOUT9
VOUT10
1
2
3
4
28
27
26
25
5
6
7
24
23
22
8
21
9
10
20
19
11
12
13
18
17
16
14
15
VIN1
VIN2
VIN3
VIN4
VIN5
VOUT1
VOUT2
VOUT4
VOUT5
VOUT3
VIN6
VS+
VS+
VIN7
VIN8
VOUT6
VS-
VOUT7
VOUT8
VS-
VIN9
VIN10
VIN11
VIN12
VOUT9
VOUT11
VOUT12
VOUT10
VIN3
VIN4
VIN5
VS+
VIN6
VIN7
VIN8
VOUT3
VOUT4
VOUT5
VS-
VOUT6
VOUT7
VOUT8
19
18
17
16
15
14
13
1
2
3
4
5
6
7
THERMAL
PAD
* NOT AVAILABLE IN EL5227
THERMAL
PAD
25
24
23
22
21
20
19
1
2
3
4
5
6
7
VIN3
VIN4
VIN5
VIN6
VS+
VIN7
VIN8
VOUT3
VOUT4
VOUT5
VOUT6
VS-
VOUT7
VOUT8
8
9
18
17
VOUT9
VOUT10
VIN9
VIN10
EL5127, EL5227, EL5327, EL5427


Similar Part No. - EL5227CL-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5227CL-T13 INTERSIL-EL5227CL-T13 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5227CL-T13 RENESAS-EL5227CL-T13 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
More results

Similar Description - EL5227CL-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com