Electronic Components Datasheet Search |
|
EL5227CR Datasheet(PDF) 1 Page - Intersil Corporation |
|
EL5227CR Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 17 page 1 ® FN7111.4 EL5127, EL5227, EL5327, EL5427 2.5MHz 4-, 8-, 10- and 12-Channel Rail-to- Rail Buffers The EL5127, EL5227, EL5327, and EL5427 are low power, high voltage rail-to-rail input/output buffers designed for use in reference voltage buffering applications in small LCD displays. They are available in quad (EL5127), octal (EL5227), 10-Channel (EL5327), and 12-Channel (EL5427) topologies. All buffers feature a -3dB bandwidth of 2.5MHz and operate from just 133µA per buffer. This family also features a continuous output drive capability of 30mA (sink and source). The quad channel EL5127 is available in the 10 Ld MSOP package. The 8-Channel EL5227 is available in both the 20 Ld TSSOP and 24 Ld QFN packages, the 10-Channel EL5327 in the 24 Ld TSSOP and 24 Ld QFN packages, and the 12-Channel EL5427 in the 28 Ld TSSOP and 32 Ld QFN packages. All buffers are specified for operation over the full -40°C to +85°C temperature range. Features • 2.5MHz -3dB bandwidth • Supply voltage = 4.5V to 16.5V • Low supply current (per buffer) = 133µA • High slew rate = 2.2V/µs • Rail-to-rail input/output swing • Ultra-small packages • Pb-free plus anneal available (RoHS compliant) Applications • TFT-LCD drive circuits • Electronic games • Touch-screen displays • Personal communication devices • Personal digital assistants (PDAs) • Portable instrumentation Data Sheet May 4, 2007 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2004-2007. All Rights Reserved All other trademarks mentioned are the property of their respective owners. |
Similar Part No. - EL5227CR |
|
Similar Description - EL5227CR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |