Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7155CS-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7155CS-T13
Description  High Performance Pin Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7155CS-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL7155CS-T13 Datasheet HTML 2Page - Intersil Corporation EL7155CS-T13 Datasheet HTML 3Page - Intersil Corporation EL7155CS-T13 Datasheet HTML 4Page - Intersil Corporation EL7155CS-T13 Datasheet HTML 5Page - Intersil Corporation EL7155CS-T13 Datasheet HTML 6Page - Intersil Corporation EL7155CS-T13 Datasheet HTML 7Page - Intersil Corporation EL7155CS-T13 Datasheet HTML 8Page - Intersil Corporation EL7155CS-T13 Datasheet HTML 9Page - Intersil Corporation EL7155CS-T13 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN7279.2
March 9, 2006
Truth Table
OE
IN
VH to OUTH
OUTL to VS-
0
0
Open
Open
0
1
Open
Open
1
0
Closed
Open
1
1
Open
Closed
Operating Voltage Range
PIN
MIN (V)
MAX (V)
VL
-5
0
VS+ - VL
5
16.5
VH - VL
0
16.5
VS+ - VH
0
16.5
VS+ - GND
5
16.5
3-State Output
VL
VH
Timing Diagrams
90%
tD1
tD2
tF
10%
Inverted
Output
2.5V
5V
Input
0
tR
Standard Test Configuration
1
2
3
4
8
7
6
5
EL7155
VH
L
o
g
i
c
OUT
VL
VS+
OE
IN
GND
VS+
4.7µ
0.1µ
10k
-
0.1µ
4.7µ
0.1µ
4.7µ
2000p
EL7155


Similar Part No. - EL7155CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
logo
Renesas Technology Corp
EL7155CSZ RENESAS-EL7155CSZ Datasheet
524Kb / 10P
   High Performance Pin Driver
logo
Intersil Corporation
EL7155CSZ-T13 INTERSIL-EL7155CSZ-T13 Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
logo
Renesas Technology Corp
EL7155CSZ-T13 RENESAS-EL7155CSZ-T13 Datasheet
524Kb / 10P
   High Performance Pin Driver
logo
Intersil Corporation
EL7155CSZ-T7 INTERSIL-EL7155CSZ-T7 Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
More results

Similar Description - EL7155CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
   High Performance Pin Driver
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
EL7156 INTERSIL-EL7156_05 Datasheet
1Mb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7155 RENESAS-EL7155 Datasheet
524Kb / 10P
   High Performance Pin Driver
logo
Zarlink Semiconductor I...
MF446 ZARLINK-MF446 Datasheet
402Kb / 4P
   High-Performance PIN
logo
Mitel Networks Corporat...
1A354 MITEL-1A354 Datasheet
46Kb / 2P
   High-Performance PIN
logo
Zarlink Semiconductor I...
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
   High Performance PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com