Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7155CSZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7155CSZ-T13
Description  High Performance Pin Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7155CSZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7155CSZ-T13 Datasheet HTML 1Page - Intersil Corporation EL7155CSZ-T13 Datasheet HTML 2Page - Intersil Corporation EL7155CSZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7155CSZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7155CSZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7155CSZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7155CSZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7155CSZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7155CSZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN7279.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2005-2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL7155
High Performance Pin Driver
The EL7155 high performance pin driver with 3-state is
suited to many ATE and level-shifting applications. The 3.5A
peak drive capability makes this part an excellent choice
when driving high capacitance loads.
Output pins OUTH and OUTL are connected to input pins VH
and VL respectively, depending on the status of the IN pin.
One of the output pins is always in tri-state, except when the
OE pin is active low, in which case both outputs are in
3-state mode. The isolation of the output FETs from the
power supplies enables VH and VL to be set independently,
enabling level-shifting to be implemented.
This pin driver has improved performance over existing pin
drivers. It is specifically designed to operate at voltages
down to 0V across the switch elements while maintaining
good speed and on-resistance characteristics.
Available in 8 Ld SO and 8 Ld PDIP packages, the EL7155
is specified for operation over the full -40°C to +85°C
temperature range.
Pinout
EL7155
(8 LD PDIP, SO)
TOP VIEW
Features
• Clocking speeds up to 40MHz
• 15ns tr/tf at 2000pF CLOAD
• 0.5ns rise and fall times mismatch
• 0.5ns TON-TOFF prop delay mismatch
• 3.5pF typical input capacitance
• 3.5A peak drive
• Low on resistance of 3.5
• High capacitive drive capability
• Operates from 4.5V up to 16.5V
• Pb-free plus anneal available (RoHS compliant)
Applications
• ATE/burn-in testers
• Level shifting
•IGBT drivers
• CCD drivers
1
2
3
4
8
7
6
5
L
o
g
i
c
VS+
OE
IN
GND
VH
OUTH
OUTL
VL
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL7155CN
EL7155CN
-
8 Ld PDIP
MDP0031
EL7155CS
7155CS
-
8 Ld SO
MDP0027
EL7155CS-T7
7155CS
7”
8 Ld SO
MDP0027
EL7155CS-T13
7155CS
13”
8 Ld SO
MDP0027
EL7155CSZ
(Note)
7155CSZ
-
8 Ld SO
(Pb-free)
MDP0027
EL7155CSZ-T7
(Note)
7155CSZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL7155CSZ-T13
(Note)
7155CSZ
13”
8 Ld SO
(Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
March 9, 2006


Similar Part No. - EL7155CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7155CSZ-T13 INTERSIL-EL7155CSZ-T13 Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
logo
Renesas Technology Corp
EL7155CSZ-T13 RENESAS-EL7155CSZ-T13 Datasheet
524Kb / 10P
   High Performance Pin Driver
More results

Similar Description - EL7155CSZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
   High Performance Pin Driver
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
   High Performance Pin Driver
September 1, 2015
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
   High Performance Pin Driver
October 24, 2014
EL7156 INTERSIL-EL7156_05 Datasheet
1Mb / 10P
   High Performance Pin Driver
logo
Renesas Technology Corp
EL7155 RENESAS-EL7155 Datasheet
524Kb / 10P
   High Performance Pin Driver
logo
Zarlink Semiconductor I...
MF446 ZARLINK-MF446 Datasheet
402Kb / 4P
   High-Performance PIN
logo
Mitel Networks Corporat...
1A354 MITEL-1A354 Datasheet
46Kb / 2P
   High-Performance PIN
logo
Zarlink Semiconductor I...
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
   High Performance PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com