Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5327CRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5327CRZ
Description  2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5327CRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5327CRZ Datasheet HTML 3Page - Intersil Corporation EL5327CRZ Datasheet HTML 4Page - Intersil Corporation EL5327CRZ Datasheet HTML 5Page - Intersil Corporation EL5327CRZ Datasheet HTML 6Page - Intersil Corporation EL5327CRZ Datasheet HTML 7Page - Intersil Corporation EL5327CRZ Datasheet HTML 8Page - Intersil Corporation EL5327CRZ Datasheet HTML 9Page - Intersil Corporation EL5327CRZ Datasheet HTML 10Page - Intersil Corporation EL5327CRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN7111.4
May 4, 2007
Electrical Specifications
VS+ = +15V, VS- = 0V, RL = 10kΩ, CL = 10pF to 7.5V, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
1
18
mV
TCVOS
Average Offset Voltage Drift
(Note 7)
5
µV/°C
IB
Input Bias Current
VCM = 7.5V
2
50
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
1.35
pF
AV
Voltage Gain
0.5V
≤ V
OUT ≤ 14.5V
0.99
1.01
V/V
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
50
150
mV
VOH
Output Swing High
IL = +5mA
14.85
14.95
V
IOUT (max)
Output Current (Note 8)
RL = 10Ω
100
±120
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
55
80
dB
IS
Supply Current
No load (EL5127)
0.75
0.95
mA
No load (EL5227)
1.3
1.55
mA
No load (EL5327)
1.5
2.1
mA
No load (EL5427)
1.6
2.4
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 9)
1V
≤ VOUT ≤ 14V, 20% to 80%
0.9
2.2
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
900
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
2.5
MHz
CS
Channel Separation
f = 5MHz
75
dB
NOTES:
7. Measured over operating temperature range.
8. Instantaneous peak current.
9. Slew rate is measured on rising and falling edges.
EL5127, EL5227, EL5327, EL5427


Similar Part No. - EL5327CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5327CRZ INTERSIL-EL5327CRZ Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5327CRZ RENESAS-EL5327CRZ Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5327CRZ-T13 INTERSIL-EL5327CRZ-T13 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5327CRZ-T13 RENESAS-EL5327CRZ-T13 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5327CRZ-T7 INTERSIL-EL5327CRZ-T7 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
More results

Similar Description - EL5327CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com