Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7232CS Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7232CS
Description  Dual Channel, High Speed, High Current Line Driver with 3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7232CS Datasheet(HTML) 8 Page - Intersil Corporation

  EL7232CS Datasheet HTML 1Page - Intersil Corporation EL7232CS Datasheet HTML 2Page - Intersil Corporation EL7232CS Datasheet HTML 3Page - Intersil Corporation EL7232CS Datasheet HTML 4Page - Intersil Corporation EL7232CS Datasheet HTML 5Page - Intersil Corporation EL7232CS Datasheet HTML 6Page - Intersil Corporation EL7232CS Datasheet HTML 7Page - Intersil Corporation EL7232CS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
EL7232
Plastic Dual-In-Line Packages (PDIP)
MDP0031
PLASTIC DUAL-IN-LINE PACKAGE
SYMBOL
PDIP8
PDIP14
PDIP16
PDIP18
PDIP20
TOLERANCE
NOTES
A
0.210
0.210
0.210
0.210
0.210
MAX
A1
0.015
0.015
0.015
0.015
0.015
MIN
A2
0.130
0.130
0.130
0.130
0.130
±0.005
b
0.018
0.018
0.018
0.018
0.018
±0.002
b2
0.060
0.060
0.060
0.060
0.060
+0.010/-0.015
c
0.010
0.010
0.010
0.010
0.010
+0.004/-0.002
D
0.375
0.750
0.750
0.890
1.020
±0.010
1
E
0.310
0.310
0.310
0.310
0.310
+0.015/-0.010
E1
0.250
0.250
0.250
0.250
0.250
±0.005
2
e
0.100
0.100
0.100
0.100
0.100
Basic
eA
0.300
0.300
0.300
0.300
0.300
Basic
eB
0.345
0.345
0.345
0.345
0.345
±0.025
L
0.125
0.125
0.125
0.125
0.125
±0.010
N
8
14
16
18
20
Reference
Rev. B 2/99
NOTES:
1. Plastic or metal protrusions of 0.010” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions E and eA are measured with the leads constrained perpendicular to the seating plane.
4. Dimension eB is measured with the lead tips unconstrained.
5. 8 and 16 lead packages have half end-leads as shown.
D
L
A
e
b
A1
NOTE 5
A2
SEATING
PLANE
L
N
PIN #1
INDEX
E1
12
N/2
b2
E
eB
eA
c


Similar Part No. - EL7232CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7232CS ELANTEC-EL7232CS Datasheet
199Kb / 8P
   Dual Channel, High Speed, High Current Line Driver w/3-State
logo
Intersil Corporation
EL7232CS INTERSIL-EL7232CS Datasheet
113Kb / 6P
   Dual Channel, High Speed, High Current Line Driver w/3-State
EL7232CS INTERSIL-EL7232CS Datasheet
224Kb / 7P
   Dual Channel, High Speed, High Current Line Driver with 3-State
EL7232CS-T13 INTERSIL-EL7232CS-T13 Datasheet
113Kb / 6P
   Dual Channel, High Speed, High Current Line Driver w/3-State
EL7232CS-T7 INTERSIL-EL7232CS-T7 Datasheet
113Kb / 6P
   Dual Channel, High Speed, High Current Line Driver w/3-State
More results

Similar Description - EL7232CS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7232 RENESAS-EL7232 Datasheet
481Kb / 8P
   Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Intersil Corporation
EL7232CN INTERSIL-EL7232CN Datasheet
224Kb / 7P
   Dual Channel, High Speed, High Current Line Driver with 3-State
EL7232 INTERSIL-EL7232 Datasheet
113Kb / 6P
   Dual Channel, High Speed, High Current Line Driver w/3-State
logo
Elantec Semiconductor
EL7232C ELANTEC-EL7232C Datasheet
199Kb / 8P
   Dual Channel, High Speed, High Current Line Driver w/3-State
logo
Texas Instruments
SN75159 TI-SN75159 Datasheet
197Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER WITH 3-STATE OUTPUTS
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI1-UA9638C_12 Datasheet
411Kb / 12P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
XC7WH126 PHILIPS-XC7WH126 Datasheet
91Kb / 13P
   High-speed Si-gate CMOS device, dual non-inverting buffer/line driver with 3-state output
Rev. 01-2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com