Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7242CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7242CS
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7242CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL7242CS Datasheet HTML 1Page - Intersil Corporation EL7242CS Datasheet HTML 2Page - Intersil Corporation EL7242CS Datasheet HTML 3Page - Intersil Corporation EL7242CS Datasheet HTML 4Page - Intersil Corporation EL7242CS Datasheet HTML 5Page - Intersil Corporation EL7242CS Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
FN7285.2
EL7242, EL7252
Dual Input, High Speed, Dual Channel
Power MOSFET Driver
The EL7242/EL7252 dual input, 2-channel drivers achieve
the same excellent switching performance of the EL7212
family while providing added flexibility. The 2-input logic and
configuration is applicable to numerous power MOSFET
drive circuits. As with other Elantec drivers, the
EL7242/EL7252 are excellent for driving large capacitive
loads with minimal delay and switching times. “Shoot-thru”
protection and latching circuits can be implemented by
simply “cross-coupling” the 2-channels.
Features
• Logic AND/NAND input
• 3V and 5V Input compatible
• Clocking speeds up to 10MHz
• 20ns Switching/delay time
•2A Peak drive
• Isolated drains
• Low output impedance
• Low quiescent current
• Wide operating voltage — 4.5V to 16V
Pb-free plus anneal available (RoHS compliant)
Applications
• Short circuit protected switching
• Under-voltage shut-down circuits
• Switch-mode power supplies
• Motor controls
• Power MOSFET switching
• Switching capacitive loads
• Shoot-thru protection
• Latching drivers
Pinouts
Ordering Information
PART NUMBER
PART
MARKING
TAPE
&
REEL
PACKAGE
PKG.
DWG. #
EL7242CN
EL7242CN
-
8-Pin PDIP
MDP0031
EL7242CNZ
(See Note)
EL7242CNZ
-
8-Pin PDIP*
(Pb-free)
MDP0031
EL7242CS
7242CS
-
8-Pin SOIC
MDP0027
EL7242CS-T7
7242CS
7”
8-Pin SOIC
MDP0027
EL7242CS-T13
7242CS
13”
8-Pin SOIC
MDP0027
EL7242CSZ
(See Note)
7242CSZ
-
8-Pin SOIC
(Pb-free)
MDP0027
EL7242CSZ-T7
(See Note)
7242CSZ
7”
8-Pin SOIC
(Pb-free)
MDP0027
EL7242CSZ-T13
(See Note)
7242CSZ
13”
8-Pin SOIC
(Pb-free)
MDP0027
EL7252CN
EL7252CN
-
8-Pin PDIP
MDP0031
EL7252CS
7252CS
-
8-Pin SOIC
MDP0027
EL7252CS-T7
7252CS
7”
8-Pin SOIC
MDP0027
EL7252CS-T13
7252CS
13”
8-Pin SOIC
MDP0027
EL7252CSZ
(See Note)
7252CSZ
-
8-Pin SOIC
(Pb-free)
MDP0027
EL7252CSZ-T7
(See Note)
7252CSZ
7”
8-Pin SOIC
(Pb-free)
MDP0027
EL7252CSZ-T13
(See Note)
7252CSZ
13”
8-Pin SOIC
(Pb-free)
MDP0027
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL7242
(8-PIN PDIP, SOIC)
TOP VIEW
EL7252
(8-PIN PDIP, SOIC)
TOP VIEW
Manufactured under U.S. Patent Nos. 5,334,883, #5,341,047
Data Sheet
November 14, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL7242CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7242CS ELANTEC-EL7242CS Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CS INTERSIL-EL7242CS Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CS-T13 INTERSIL-EL7242CS-T13 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CS-T7 INTERSIL-EL7242CS-T7 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CSZ INTERSIL-EL7242CSZ Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results

Similar Description - EL7242CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com