Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7551 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7551
Description  Monolithic 1Amp DC:DC Step-down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7551 Datasheet(HTML) 5 Page - Intersil Corporation

  EL7551_06 Datasheet HTML 1Page - Intersil Corporation EL7551_06 Datasheet HTML 2Page - Intersil Corporation EL7551_06 Datasheet HTML 3Page - Intersil Corporation EL7551_06 Datasheet HTML 4Page - Intersil Corporation EL7551_06 Datasheet HTML 5Page - Intersil Corporation EL7551_06 Datasheet HTML 6Page - Intersil Corporation EL7551_06 Datasheet HTML 7Page - Intersil Corporation EL7551_06 Datasheet HTML 8Page - Intersil Corporation EL7551_06 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Performance Curves (Continued)
Switching Waveforms
VIN=5V, VO=3.8V, IO=1A
∆VI
VLX
∆VO
iL
Power-Up
VIN=5V, VO=3.8V, IO=1A
Transient Response
VIN=5V, VO=3.8V, IO=0A-1A
iO
∆VO
VIN
VO
Oscillator Frequency vs Temperature
390
385
380
375
370
365
360
-40
0
40
80
120
Temperature (°C)
Input Current vs Temperature
(Enable connected to GND)
0.96
0.94
0.92
0.88
0.86
0.84
0.82
0.8
-40
10
60
110
160
Temperature (°C)
Switching Frequency vs COSC
1400
1200
1000
800
600
400
200
0
0
400
600
800
1000
COSC (pF)
0.9
VIN=4.5V
VIN=5V
VIN=5.5V
200
EL7551


Similar Part No. - EL7551_06

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
EL7551CU ELANTEC-EL7551CU Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551CU INTERSIL-EL7551CU Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551CU RENESAS-EL7551CU Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551CU-T13 INTERSIL-EL7551CU-T13 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
More results

Similar Description - EL7551_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com