Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7562CUZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7562CUZ-T7
Description  Monolithic 2Amp DC-DC Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7562CUZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

  EL7562CUZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
The heart of the controller is an input direct summing
comparator which sum voltage feedback, current feedback,
slope compensation ramp and power tracking signals
together. Slope compensation is required to prevent system
instability that occurs in current-mode topologies operating
at duty-cycles greater than 50% and is also used to define
the open-loop gain of the overall system. The slope
compensation is fixed internally and optimized for 500mA
inductor ripple current. The power tracking will not contribute
any input to the comparator steady-state operation. Current
feedback is measured by the patented sensing scheme that
senses the inductor current flowing through the high-side
switch whenever it is conducting. At the beginning of each
oscillator period the high-side NMOS switch is turned on.
The comparator inputs are gated off for a minimum period of
time of about 150ns (LEB) after the high-side switch is
turned on to allow the system to settle. The Leading Edge
Blanking (LEB) period prevents the detection of erroneous
voltages at the comparator inputs due to switching noise. If
the inductor current exceeds the maximum current limit
(ILMAX) a secondary over-current comparator will terminate
the high-side switch on time. If ILMAX has not been reached,
the feedback voltage FB derived from the regulator output
voltage VOUT is then compared to the internal feedback
reference voltage. The resultant error voltage is summed
with the current feedback and slope compensation ramp.
The high-side switch remains on until all four comparator
inputs have summed to zero, at which time the high-side
switch is turned off and the low-side switch is turned on.
However, the maximum on-duty ratio of the high-side switch
is limited to 95%. In order to eliminate cross-conduction of
the high-side and low-side switches a 15ns break-before-
make delay is incorporated in the switch drive circuitry. The
output enable (EN) input allows the regulator output to be
disabled by an external logic control signal.
Output Voltage Setting
In general:
However, due to the relatively low open loop gain of the
system, gain errors will occur as the output voltage and loop-
gain is changed. This is shown in the performance curves. A
100nA pull-up current from FB to VDD forces VOUT to GND
in the event that FB is floating.
NMOS Power FETs and Drive Circuitry
The EL7562 integrates low on-resistance (60m
Ω) NMOS
FETs to achieve high efficiency at 2A. In order to use an
NMOS switch for the high-side drive it is necessary to drive
the gate voltage above the source voltage (LX). This is
accomplished by bootstrapping the VHI pin above the LX
voltage with an external capacitor CVHI and internal switch
and diode. When the low-side switch is turned on and the LX
voltage is close to GND potential, capacitor CVHI is charged
through internal switch to VDRV, typically 5V. At the
beginning of the next cycle the high-side switch turns on and
the LX pins begin to rise from GND to VIN potential. As the
LX pin rises the positive plate of capacitor CVHI follows and
eventually reaches a value of VDRV+VIN, typically 10V, for
VDRV=VIN=5V. This voltage is then level shifted and used to
drive the gate of the high-side FET, via the VHI pin. A value
of 0.1µF for CVHI is recommended.
Reference
A 1.5% temperature compensated bandgap reference is
integrated in the EL7562. The external VREF capacitor acts
as the dominant pole of the amplifier and can be increased
in size to maximize transient noise rejection. A value of
0.1µF is recommended.
Oscillator
The system clock is generated by an internal relaxation
oscillator with a maximum duty-cycle of approximately 95%.
Operating frequency can be adjusted through the COSC pin
or can be driven by an external source. If the oscillator is
driven by an external source care must be taken in selecting
the ramp amplitude. Since CSLOPE value is derived from the
COSC ramp, changes to COSC ramp will change the
CSLOPE compensation ramp which determine the open-loop
gain of the system.
When external synchronization is required, always choose
COSC such that the free-running frequency is at least 20%
lower than that of sync source to accommodate component
and temperature variations. Figure 1 shows a typical
connection.
VOUT
0.985
1
R2
R1
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=
For VIN = 5V
VOUT
0.975
1
R2
R1
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=
FOR VIN = 3.3V
FIGURE 1. OSCILLATOR SYNCHRONIZATION
2
3
11
10
9
6
7
8
15
14
EL7562
1
16
External
Oscillato
BAT54
100p


Similar Part No. - EL7562CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7562CUZ-T7 RENESAS-EL7562CUZ-T7 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7562CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com