Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7562CUZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7562CUZ-T7
Description  Monolithic 2Amp DC-DC Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7562CUZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  EL7562CUZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7562CUZ-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VIN or VDD and GND . . . . . . . . . . . . +6.5V
VLX Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN +0.3V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V, VDD +0.3V
VHI Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V, VLX +6V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Ambient Temperature . . . . . . . . . . . . . . . . . 0°C to +70°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VDD = VIN = 5V, TA = TJ = 25°C, COSC = 270pF, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VREF
Reference Accuracy
1.24
1.26
1.28
V
VREFTC
Reference Temperature Coefficient
50
ppm/°C
VREFLOAD
Reference Load Regulation
0 < IREF < 50µA
-1
%
VRAMP
Oscillator Ramp Amplitude
1.15
V
IOSC_CHG
Oscillator Charge Current
0.1V < VOSC < 1.25V
200
µA
IOSC_DIS
Oscillator Discharge Current
0.1V < VOSC < 1.25V
8
mA
IVDD+VDRV
VDD+VDRV Supply Current
VEN = 4V, FOSC = 120kHz
2
6.5
mA
IVDD_OFF
VDD Standby Current
EN = 0
1
1.5
mA
VDD_OFF
VDD for Shutdown
2.5
2.7
V
VDD_ON
VDD for Startup
2.6
3
V
TOT
Over-temperature Threshold
135
°C
THYS
Over-temperature Hysteresis
20
°C
ILEAK
Internal FET Leakage Current
EN = 0, LX = 5V (low FET), LX = 0V (high
FET)
20
µA
ILMAX
Peak Current Limit
3A
RDSON
FET On Resistance
Wafer level test only
60
120
m
Ω
RDSONTC
RDSON Tempco
0.2
m
Ω/°C
VFB
Output Initial Accuracy
ILOAD = 0A
0.970
0.985
1.000
V
VFB_LINE
Output Line Regulation
VIN = 5V, ΔVIN = 10%, ILOAD = 0A
0.5
%
VFB_LOAD
Output Load Regulation
0.1A < ILOAD < 1A
0.5
%
VFB_TC
Output Temperature Stability
-40°C < TA < 85°C, ILOAD = 0.5A
±1
%
IFB
Feedback Input Pull Up Current
VFB = 0V
100
200
nA
VEN_HI
EN Input High Level
(Note)
4
V
VEN_LO
EN Input Low Level
1V
IEN
Enable Pull Up Current
VEN = 0
-4
-2.5
µA
NOTE: VEN_HI is typically 2/3 of VDD. For VDD = 3.3V, VEN_HI is 2.2V typical.


Similar Part No. - EL7562CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7562CUZ-T7 RENESAS-EL7562CUZ-T7 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7562CUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com