Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5171ISZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5171ISZ
Description  250MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5171ISZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5171ISZ Datasheet HTML 5Page - Intersil Corporation EL5171ISZ Datasheet HTML 6Page - Intersil Corporation EL5171ISZ Datasheet HTML 7Page - Intersil Corporation EL5171ISZ Datasheet HTML 8Page - Intersil Corporation EL5171ISZ Datasheet HTML 9Page - Intersil Corporation EL5171ISZ Datasheet HTML 10Page - Intersil Corporation EL5171ISZ Datasheet HTML 11Page - Intersil Corporation EL5171ISZ Datasheet HTML 12Page - Intersil Corporation EL5171ISZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN7307.6
October 30, 2006
Simplified Schematic
Description of Operation and Application
Information
Product Description
The EL5171 and EL5371 are wide bandwidth, low power
and single ended to differential output amplifiers. The
EL5171 is a single channel differential amplifier. Since the
IN- pin and REF pin are tired together internally, the EL5171
can be used as a single ended to differential converter. The
EL5371 is a triple channel differential amplifier. The EL5371
have a separate IN- pin and REF pin for each channel. It can
be used as single/differential ended to differential converter.
The EL5171 and EL5371 are internally compensated for
closed loop gain of +1 of greater. Connected in gain of 1 and
driving a 1k
Ω differential load, the EL5171 and EL5371 have
a -3dB bandwidth of 250MHz. Driving a 200
Ω differential
load at gain of 2, the bandwidth is about 30MHz. The
EL5371 is available with a power down feature to reduce the
power while the amplifier is disabled.
Input, Output, and Supply Voltage Range
The EL5171 and EL5371 have been designed to operate
with a single supply voltage of 5V to 10V or a split supplies
with its total voltage from 5V to 10V. The amplifiers have an
input common mode voltage range from -4.5V to 3.4V for
±5V supply. The differential mode input range (DMIR)
between the two inputs is from -2.3V to +2.3V. The input
voltage range at the REF pin is from -3.3V to 3.8V. If the
input common mode or differential mode signal is outside the
above-specified ranges, it will cause the output signal
distorted.
The output of the EL5171 and EL5371 can swing from -3.9V
to +3.9V at 1k
Ω differential load at ±5V supply. As the load
resistance becomes lower, the output swing is reduced.
Differential and Common Mode Gain Settings
For EL5171, since the IN- pin and REF pin are bounded
together as the REF pin in an 8 Ld package, the signal at the
REF pin is part of the common mode signal and also part of
the differential mode signal. For the true balance differential
outputs, the REF pin must be tired to the same bias level as
the IN+ pin. For a ±5V supply, just tire the REF pin to GND if
the IN+ pin is biased at 0V with a 50Ω or 75Ω termination
resistor. For a single supply application, if the IN+ is biased
to half of the rail, the REF pin should be biased to half of the
rail also.
The gain setting for EL5171 is:
Where:
•VREF = 0V
•RF1 = RF2 = RF
EL5371 has a separate IN- pin and REF pin. It can be used
as a single/differential ended to differential converter. The
voltage applied at REF pin can set the output common mode
voltage and the gain is one.
REF
R10
R9
RCD
RCD
OUT+
OUT-
CC
R6
R5
CC
R4
R3
R7
R8
R2
R1
VB1
FBN
FBP
IN-
IN+
VB2
VS+
VS-
VODM
VIN+1
RF1 RF2
+
RG
----------------------------
+
⎝⎠
⎜⎟
⎛⎞
×
=
VODM
VIN+1
2RF
RG
-----------
+
⎝⎠
⎜⎟
⎛⎞
×
=
VOCM
VREF 0V
=
=
EL5171, EL5371


Similar Part No. - EL5171ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171ISZ INTERSIL-EL5171ISZ Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171ISZ RENESAS-EL5171ISZ Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5171ISZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com