Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5173ISZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5173ISZ-T7
Description  450MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5173ISZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5173ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5173ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5173ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5173ISZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5173ISZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5173ISZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5173ISZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5173ISZ-T7 Datasheet HTML 13Page - Intersil Corporation EL5173ISZ-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN7312.5
January 25, 2006
Maximum reliability is maintained if the output current never
exceeds ±60mA. This limit is set by the design of the internal
metal interconnect.
Power Dissipation
With the high output drive capability of the EL5173 and
EL5373 it is possible to exceed the 125°C absolute
maximum junction temperature under certain load current
conditions. Therefore, it is important to calculate the
maximum junction temperature for the application to
determine if the load conditions or package types need to be
modified for the amplifier to remain in the safe operating
area.
The maximum power dissipation allowed in a package is
determined according to:
Where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
Where:
•VS = Total supply voltage
•ISMAX = Maximum quiescent supply current per channel
∆VO = Maximum differential output voltage of the
application
•RLD = Differential load resistance
•ILOAD = Load current
• i = Number of channels
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOAD to avoid the device
overheat.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, a good printed circuit
board layout is necessary for optimum performance. Lead
lengths should be as sort as possible. The power supply pin
must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VS- pin is
connected to the ground plane, a single 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor from VS+
to GND will suffice. This same capacitor combination should
be placed at each supply pin to ground if split supplies are to
be used. In this case, the VS- pin becomes the negative
supply rail.
For good AC performance, parasitic capacitance should be
kept to minimum. Use of wire wound resistors should be
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier’s inverting input pin is very important. The
feedback resistor should be placed very close to the
inverting input pin. Strip line design techniques are
recommended for the signal traces.
Typical Applications
Twisted pair cable driver
PD
MAX
T
JMAX
T
AMAX
Θ
JA
---------------------------------------------
=
PD
i
V
S
I
SMAX
V
S
∆V
O
R
LD
------------
×
+
×



×
=
0
VFB
VINB
VREF
EL5175/
EL5375
EL5173/
EL5373
VOUT
50
50
ZO = 100Ω
VIN
50
50
FIGURE 23. TWISTED PAIR CABLE DRIVER
EL5173, EL5373


Similar Part No. - EL5173ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5173ISZ-T7 INTERSIL-EL5173ISZ-T7 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5173ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com