Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5371IU-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5371IU-T13
Description  250MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5371IU-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5371IU-T13 Datasheet HTML 2Page - Intersil Corporation EL5371IU-T13 Datasheet HTML 3Page - Intersil Corporation EL5371IU-T13 Datasheet HTML 4Page - Intersil Corporation EL5371IU-T13 Datasheet HTML 5Page - Intersil Corporation EL5371IU-T13 Datasheet HTML 6Page - Intersil Corporation EL5371IU-T13 Datasheet HTML 7Page - Intersil Corporation EL5371IU-T13 Datasheet HTML 8Page - Intersil Corporation EL5371IU-T13 Datasheet HTML 9Page - Intersil Corporation EL5371IU-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7307.6
October 30, 2006
FIGURE 7. FREQUENCY RESPONSE - VREF
FIGURE 8. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 9. PSRR vs FREQUENCY
FIGURE 10. CMRR vs FREQUENCY
FIGURE 11. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 12. CHANNEL ISOLATION vs FREQUENCY
Typical Performance Curves (Continued)
5
4
2
1
-1
-2
-4
-5
1M
10M
100M
FREQUENCY (Hz)
-3
0
3
100K
100
10
1
0.1
100K
1M
100M
FREQUENCY (Hz)
10K
10M
0
-10
-30
-50
-60
-80
-90
10K
1M
100M
FREQUENCY (Hz)
-70
-40
-20
1K
100K
10M
PSRR+
PSRR-
1M
100M
FREQUENCY (Hz)
100K
10M
1G
100
90
70
60
40
30
10
0
20
50
80
1K
100
10
1
100
100K
10M
FREQUENCY (Hz)
10
10K
1M
1K
EN
IN
1M
100M
FREQUENCY (Hz)
100K
10M
1G
-30
-40
-60
-70
-90
-100
-80
-50
CH1 <=> CH2, CH2 <=> CH3
CH1 <=> CH3
EL5171, EL5371


Similar Part No. - EL5371IU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5371IU INTERSIL-EL5371IU Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5371IUZ INTERSIL-EL5371IUZ Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5371IUZ RENESAS-EL5371IUZ Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5371IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com