Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7585ILZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7585ILZ
Description  TFT-LCD Power Supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7585ILZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL7585ILZ Datasheet HTML 5Page - Intersil Corporation EL7585ILZ Datasheet HTML 6Page - Intersil Corporation EL7585ILZ Datasheet HTML 7Page - Intersil Corporation EL7585ILZ Datasheet HTML 8Page - Intersil Corporation EL7585ILZ Datasheet HTML 9Page - Intersil Corporation EL7585ILZ Datasheet HTML 10Page - Intersil Corporation EL7585ILZ Datasheet HTML 11Page - Intersil Corporation EL7585ILZ Datasheet HTML 12Page - Intersil Corporation EL7585ILZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN7345.2
March 9, 2006
Boost Converter
The main boost converter is a current mode PWM converter at
a fixed frequency of 1MHz which enables the use of low profile
inductors and multilayer ceramic capacitors. This results in a
compact, low cost power system for LCD panel design.
The EL7585 is designed for continuous current mode, but
they can also operate in discontinuous current mode at light
load. In continuous current mode, current flows continuously
in the inductor during the entire switching cycle in steady
state operation. The voltage conversion ratio in continuous
current mode is given by:
Where D is the duty cycle of the switching MOSFET.
Figure 19 shows the block diagram of the boost regulator. It
uses a summing amplifier architecture consisting of GM
stages for voltage feedback, current feedback and slope
compensation. A comparator looks at the peak inductor
current cycle by cycle and terminates the PWM cycle if the
current limit is reached.
An external resistor divider is required to divide the output
voltage down to the nominal reference voltage. Current
drawn by the resistor network should be limited to maintain
the overall converter efficiency. The maximum value of the
resistor network is limited by the feedback input bias current
and the potential for noise being coupled into the feedback
pin. A resistor network in the order of 60k
Ω is recommended.
The boost converter output voltage is determined by the
following equation:
The current through the MOSFET is limited to 3.5A peak.
This restricts the maximum output current based on the
following equation:
Where
∆IL is peak to peak inductor ripple current, and is set by:
where fS is the switching frequency.
AVDD
VIN
----------------
1
1D
-------------
=
AVDD
R1 R2
+
R1
--------------------- VREF
×
=
IOMAX
ILMT
∆I
L
2
--------

 VIN
VO
---------
×
=
∆I
L
VIN
L
---------
D
fS
-----
×
=
Iref
Iref
FBB
Ifb
Ifb
CINT
VOLTAGE
AMPLIFIER
LX
PGND
SHUTDOWN
& START-UP
CONTROL
GM
AMPLIFIER
SLOPE
COMPENSATION
BUFFER
PWM
LOGIC
CURRENT
AMPLIFIER
CLOCK
REFERENCE
GENERATOR
FIGURE 19. BLOCK DIAGRAM OF THE BOOST REGULATOR
EL7585


Similar Part No. - EL7585ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7585ILZ INTERSIL-EL7585ILZ Datasheet
732Kb / 18P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585ILZ RENESAS-EL7585ILZ Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7585ILZ-T13 INTERSIL-EL7585ILZ-T13 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585ILZ-T13 RENESAS-EL7585ILZ-T13 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7585ILZ-T7 INTERSIL-EL7585ILZ-T7 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
More results

Similar Description - EL7585ILZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com