Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7554 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7554
Description  Monolithic 4 Amp DC-DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7554 Datasheet(HTML) 2 Page - Intersil Corporation

  EL7554 Datasheet HTML 1Page - Intersil Corporation EL7554 Datasheet HTML 2Page - Intersil Corporation EL7554 Datasheet HTML 3Page - Intersil Corporation EL7554 Datasheet HTML 4Page - Intersil Corporation EL7554 Datasheet HTML 5Page - Intersil Corporation EL7554 Datasheet HTML 6Page - Intersil Corporation EL7554 Datasheet HTML 7Page - Intersil Corporation EL7554 Datasheet HTML 8Page - Intersil Corporation EL7554 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN7360.4
May 8, 2006
Typical Application Diagram
0.018µF
0.018µF
2.2µH
47µF
VOUT
(1.8V, 4A)
2x10µF
VIN
(3V TO
6V)
0.22µF
220pF
COMP
VREF
FB
VO
VTJ
TM
SEL
LX
LX
LX
LX
LX
LX
NC
SGND
COSC
STN
STP
EN
PG
VDD
VIN
VIN
VIN
PGND
PGND
PGND
NC
1
2
3
4
28
27
26
25
5
6
7
24
23
22
8
21
9
10
20
19
11
12
13
18
17
16
14
15
R2
R1
2.32K
10.2K
12.7K
CC
RC
COUT
COSC
CIN
EL7554


Similar Part No. - EL7554

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554IRE INTERSIL-EL7554IRE Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554IRE RENESAS-EL7554IRE Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554IRE-T13 INTERSIL-EL7554IRE-T13 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7554

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com