Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5373IUZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5373IUZ-T7
Description  450MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5373IUZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5373IUZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5373IUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5373IUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5373IUZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5373IUZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5373IUZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5373IUZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5373IUZ-T7 Datasheet HTML 13Page - Intersil Corporation EL5373IUZ-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN7312.5
January 25, 2006
Simplified Schematic
Description of Operation and Application
Information
Product Description
The EL5173 and EL5373 are wide bandwidth, low power
and single/differential ended to differential output amplifiers.
They have a fixed gain of 2. The EL5173 is a single channel
differential amplifier. The EL5373 is a triple channel
differential amplifier. The EL5173 and EL5373 have a –3dB
bandwidth of 450MHz while driving a 200
Ω differential load.
The EL5173 and EL5373 are available with a power down
feature to reduce the power while the amplifiers are
disabled.
Input, Output and Supply Voltage Range
The EL5173 and EL5373 have been designed to operate
with a single supply voltage of 5V to 10V or a split supplies
with its total voltage from 5V to 10V. The amplifiers have an
input common mode voltage range from -4.5V to 3.4V for
±5V supply. The differential mode input range (DMIR)
between the two inputs is from –2.3V to +2.3V. The input
voltage range at the REF pin is from –3.3V to 3.7V. If the
input common mode or differential mode signal is outside the
above-specified ranges, it will cause the output signal
distorted.
The output of the EL5173 and EL5373 can swing from –3.3V
to 3.6V at 200
Ω differential load at ±5V supply. As the load
resistance becomes lower, the output swing is reduced.
Differential and Common Mode Gain Settings
As shown at the simplified schematic, since the feedback
resistors RF and the gain resistor are integrated with 200
and 400
Ω, the EL5173 and EL5373 have a fixed gain of 2.
The common mode gain is always one.
Driving Capacitive Loads and Cables
The EL5173 and EL5373 can drive 16pF differential
capacitor in parallel with 200
Ω differential load with less than
3.5dB of peaking. If less peaking is desired in applications, a
small series resistor (usually between 5
Ω to 50Ω) can be
placed in series with each output to eliminate most peaking.
However, this will reduce the gain slightly.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier’s output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Disable/Power-Down
The EL5173 and EL5373 can be disabled and placed their
outputs in a high impedance state. The turn off time is about
1.2µs and the turn on time is about 100ns. When disabled,
the amplifier’s supply current is reduced to 40µA for IS+ and
2.5µA for IS- typically, thereby effectively eliminating the
power consumption. The amplifier’s power down can be
controlled by standard CMOS signal levels at the ENABLE
pin. The applied logic signal is relative to VS+ pin. Letting the
EN pin float or applying a signal that is less than 1.5V below
VS+ will enable the amplifier. The amplifier will be disabled
when the signal at EN pin is above VS+ -0.5V.
Output Drive Capability
The EL5173 and EL5373 have internal short circuit
protection. Its typical short circuit current is ±55mA. If the
output is shorted indefinitely, the power dissipation could
easily increase such that the part will be destroyed.
REF
R10
R9
RCD
RCD
OUT+
OUT-
CC
R6
R5
CC
R4
R3
R7
R8
R2
R1
VB1
FBN
FBP
IN-
IN+
VB2
VS+
VS-
200
200
400
EL5173, EL5373


Similar Part No. - EL5373IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5373IUZ-T7 INTERSIL-EL5373IUZ-T7 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5373IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com