Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF06 Datasheet(PDF) 7 Page - International Rectifier

Part # 10ETF06
Description  FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF06 Datasheet(HTML) 7 Page - International Rectifier

  10ETF06 Datasheet HTML 1Page - International Rectifier 10ETF06 Datasheet HTML 2Page - International Rectifier 10ETF06 Datasheet HTML 3Page - International Rectifier 10ETF06 Datasheet HTML 4Page - International Rectifier 10ETF06 Datasheet HTML 5Page - International Rectifier 10ETF06 Datasheet HTML 6Page - International Rectifier 10ETF06 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
10ETF06PbF QUIET
IR Series
Bulletin I2187 12/04
www.irf.com
Ordering Information Table
10
E
T
F
06
PbF
Device Code
1
5
24
3
1
-
Current Rating (10 = 10A)
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
T = TO-220AC
4
-
Type of Silicon:
F = Fast Soft Recovery Rectifier
5
-
Voltage Rating (06 = 600V)
6
-
none = Standard Production
PbF = Lead-Free
6
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 12/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
6


Similar Part No. - 10ETF06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF06 IRF-10ETF06 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
10ETF06 VISHAY-10ETF06 Datasheet
831Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 17-Apr-08
logo
Inchange Semiconductor ...
10ETF06 ISC-10ETF06 Datasheet
264Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF06F ISC-10ETF06F Datasheet
277Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
Vishay Siliconix
10ETF06FPPbF VISHAY-10ETF06FPPbF Datasheet
219Kb / 7P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 28-May-08
More results

Similar Description - 10ETF06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF12FPPBF IRF-10ETF12FPPBF Datasheet
207Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
40EPF06PBF IRF-40EPF06PBF Datasheet
165Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
20ETF12SPBF IRF-20ETF12SPBF Datasheet
233Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free (PbF suffix)
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com