Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF12FP Datasheet(PDF) 6 Page - International Rectifier

Part # 10ETF12FP
Description  FAST SOFT RECOVERY RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF12FP Datasheet(HTML) 6 Page - International Rectifier

  10ETF12FP Datasheet HTML 1Page - International Rectifier 10ETF12FP Datasheet HTML 2Page - International Rectifier 10ETF12FP Datasheet HTML 3Page - International Rectifier 10ETF12FP Datasheet HTML 4Page - International Rectifier 10ETF12FP Datasheet HTML 5Page - International Rectifier 10ETF12FP Datasheet HTML 6Page - International Rectifier 10ETF12FP Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
10ETF..FP QUIET
IR Series
Bulletin I2165 06/03
www.irf.com
5°± 0.5°
R0.5
R0.7 (2 PLACES)
3.1
HOLE ø 3.4
10.4
0.7
TYP.
5°± 0.5°
0.9
2.54 TYP.
2.54
10.6
0.48
2.85
2.8
1.4
1.15
1.05
1.3
0.44
2.65
2.6
TYP
10°
Outline Table
Dimensions in millimeters
Ordering Information Table
10
E
T
F
12
FP
Device Code
1
5
2
4
3
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
T = TO-220AC
4
-
Type of Silicon:
F = Fast Soft Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
6
-
TO-220AC FULLPAK
10 = 1000V
12 = 1200V
6
1
CATHODE
ANODE
3
2


Similar Part No. - 10ETF12FP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10ETF12FP VISHAY-10ETF12FP Datasheet
217Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 28-May-08
logo
International Rectifier
10ETF12FPPBF IRF-10ETF12FPPBF Datasheet
207Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
logo
Vishay Siliconix
10ETF12FPPBF VISHAY-10ETF12FPPBF Datasheet
217Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 28-May-08
More results

Similar Description - 10ETF12FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com