Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5256 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5256
Description  <1mV Voltage Offset, 600MHz Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5256 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5256 Datasheet HTML 3Page - Intersil Corporation EL5256 Datasheet HTML 4Page - Intersil Corporation EL5256 Datasheet HTML 5Page - Intersil Corporation EL5256 Datasheet HTML 6Page - Intersil Corporation EL5256 Datasheet HTML 7Page - Intersil Corporation EL5256 Datasheet HTML 8Page - Intersil Corporation EL5256 Datasheet HTML 9Page - Intersil Corporation EL5256 Datasheet HTML 10Page - Intersil Corporation EL5256 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN7386.3
June 15, 2006
FIGURE 17. LARGE SIGNAL FREQUENCY RESPONSE FOR
VARIOUS INPUT AMPLITUDES
FIGURE 18. CHANNEL TO CHANNEL FREQUENCY
RESPONSE
FIGURE 19. EL5256 CROSS TALK vs FREQUENCY CHANNEL
A TO B & B TO A
FIGURE 20. BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 21. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS RL
FIGURE 22. VOLTAGE AND CURRENT NOISE vs FREQUENCY
Typical Performance Curves (Continued)
AV=+2
RL=200Ω
CL=4.7pF
-20dBm
+10dBm
+20dBm
+15dBm
+17dBm
5
FREQUENCY (Hz)
3
1
-1
-3
-5
100K
1M
10M
100M
1G
AV=+1
RL=500Ω
CL=4.7pF
CH1
CH2
5
FREQUENCY (Hz)
3
1
-1
-3
-5
100K
1M
10M
100M
1G
AV=+5
RL=500Ω
CL=4.7pF
FREQUENCY (Hz)
100K
1M
10M
100M
1G
0
-20
-40
-60
-80
-100
VS (V)
4.5
5.5
6.5
7.5
12.5
700
600
400
200
100
0
500
300
8.5
9.5
10.5
11.5
AV=+1, RL=500Ω, CL=5pF
AV=+1, RL=150Ω
AV=+2, RL=150Ω
AV=+5
CL=4.7pF
RL=1kΩ
RL=500Ω
RL=100Ω
RL=50Ω
4
FREQUENCY (Hz)
2
0
-2
-4
-6
100K
1M
10M
100M
1G
VN
IN
1K
FREQUENCY (Hz)
100
10
1
100K
1M
10M
100M
1G
10M
100M
EL5156, EL5157, EL5256, EL5257


Similar Part No. - EL5256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5256 INTERSIL-EL5256 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5256 INTERSIL-EL5256 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
EL5256 RENESAS-EL5256 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5256IY INTERSIL-EL5256IY Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5256IY INTERSIL-EL5256IY Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
More results

Similar Description - EL5256

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5156 RENESAS-EL5156 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_07 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5156 INTERSIL-EL5156 Datasheet
499Kb / 17P
   1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
logo
Elantec Semiconductor
EL4344C ELANTEC-EL4344C Datasheet
36Kb / 5P
   600MHz Multiplexing Amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com