Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5234IY-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5234IY-T7
Description  650MHz, Gain of 5, Low Noise Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5234IY-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5234IY-T7 Datasheet HTML 4Page - Intersil Corporation EL5234IY-T7 Datasheet HTML 5Page - Intersil Corporation EL5234IY-T7 Datasheet HTML 6Page - Intersil Corporation EL5234IY-T7 Datasheet HTML 7Page - Intersil Corporation EL5234IY-T7 Datasheet HTML 8Page - Intersil Corporation EL5234IY-T7 Datasheet HTML 9Page - Intersil Corporation EL5234IY-T7 Datasheet HTML 10Page - Intersil Corporation EL5234IY-T7 Datasheet HTML 11Page - Intersil Corporation EL5234IY-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN7383.3
March 9, 2006
FIGURE 23. HARMONIC DISTORTION vs FREQUENCY
FIGURE 24. TOTAL HARMONIC DISTORTION vs OUTPUT
VOLTAGES
FIGURE 25. TURN-ON TIME (EL5134, EL5234)
FIGURE 26. TURN-OFF TIME (EL5134, EL5234)
FIGURE 27. EQUIVALENT INPUT VOLTAGE NOISE vs
FREQUENCY
FIGURE 28. EQUIVALENT INPUT CURRENT NOISE vs
FREQUENCY
Typical Performance Curves (Continued)
-100
-90
-80
-70
-60
-50
-40
-30
0.1
1.0
10
100
FUNDAMENTAL FREQUENCY (MHz)
VS = ±5V
AV = =5
RG = 25Ω
RL = 500Ω
CL = 5pF
VOUT = 2VP-P
T.H.D
3rd H.D
2nd H.D
-100
-90
-80
-70
-60
-50
-40
-30
-20
01
234
5
6
78
OUTPUT VOLTAGES (VP-P)
Fin = 1MHz
Fin = 10MHz
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
CL = 5pF
-3
-2
-1
0
1
2
3
4
5
6
-200 -100
0
100 200 300 400 500 600 700 800
TIME (ns)
OUTPUT SIGNAL
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
VOUT = 4VP-P
ENABLE SIGNAL
-3
-2
-1
0
1
2
3
4
5
6
-500 -400 -300 -200 -100
0
100
200
300
400
TIME (ns)
DISABLE SIGNAL
OUTPUT SIGNAL
VS = ±5V
AV = +5
RG = 25Ω
RL = 500Ω
VOUT = 4VP-P
0.1
1
10
100
0.01
0.10
1.0
10
100
1K
FREQUENCY (kHz)
VS = ±5V
0.1
1
10
100
0.01
0.10
1.0
10
100
1K
FREQUENCY (kHz)
VS = ±5V
EL5134, EL5135, EL5234, EL5235


Similar Part No. - EL5234IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5234IY-T7 INTERSIL-EL5234IY-T7 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
EL5234IY-T7 INTERSIL-EL5234IY-T7 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5234IY-T7 RENESAS-EL5234IY-T7 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
More results

Similar Description - EL5234IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_07 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Renesas Technology Corp
EL5134 RENESAS-EL5134 Datasheet
1Mb / 15P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Intersil Corporation
EL5134 INTERSIL-EL5134 Datasheet
1Mb / 10P
   630MHz, Gain of 5, Low Noise Amplifiers
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
   650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554 Datasheet
166Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
   650MHz Gain of 2 Triple 2:1Video Multiplexer
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
   For high gain low noise amplifiers
2009-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com