Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5252IY Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5252IY
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5252IY Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5252IY Datasheet HTML 4Page - Intersil Corporation EL5252IY Datasheet HTML 5Page - Intersil Corporation EL5252IY Datasheet HTML 6Page - Intersil Corporation EL5252IY Datasheet HTML 7Page - Intersil Corporation EL5252IY Datasheet HTML 8Page - Intersil Corporation EL5252IY Datasheet HTML 9Page - Intersil Corporation EL5252IY Datasheet HTML 10Page - Intersil Corporation EL5252IY Datasheet HTML 11Page - Intersil Corporation EL5252IY Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN7385.4
October 3, 2005
FIGURE 23. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 24. FREQUENCY RESPONSE FOR VARIOUS
VOLTAGE SUPPLY LEVELS
FIGURE 25. EL5252 SMALL SIGNAL FREQUENCY - CHANNEL TO CHANNEL
FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
0
2
3
4
5
6
7
±1
±1.5
±2.5
±3
±3.5
±4
±4.5
±5
VOLTAGE (V)
±2
1
AV=+2
RL=500Ω
CL=5pF
3
1
-1
-3
-5
4
2
0
-2
-4
100K
1M
10M
800M
FREQUENCY (Hz)
100M
RL=500Ω
CL=0pF
-6
±2.0V
±3.0V
±4.0V
±5.0V
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
1G
FREQUENCY (Hz)
100M
AV=+1
RL-500Ω
CL=0pF
-5
CHANNEL #1
CHANNEL #2
1.136W
909mW
SO14
θJA=88°C/W
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4 435mW
870mW
0.9
SO8
θJA=110°C/W
MSOP8/10
θJA=115°C/W
SOT23-5/6
θJA=230°C/W
833mW
625mW
θJA=160°C/W
SO8
θJA=120°C/W
SO14
1
0.9
0.8
0.6
0.4
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
391mW
θJA=256°C/W
SOT23-5/6
486mW
θJA=206°C/W
MSOP8/10
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5252IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5252IY INTERSIL-EL5252IY Datasheet
357Kb / 14P
   300MHz Amplifiers
EL5252IY INTERSIL-EL5252IY Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5252IY INTERSIL-EL5252IY Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5252IY RENESAS-EL5252IY Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5252IY-T13 INTERSIL-EL5252IY-T13 Datasheet
357Kb / 14P
   300MHz Amplifiers
More results

Similar Description - EL5252IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com