Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5455IS-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5455IS-T7
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5455IS-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5455IS-T7 Datasheet HTML 1Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 2Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5455IS-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN7385.4
EL5152, EL5153, EL5252, EL5455
270MHz Ultra-Accurate Amplifiers
The EL5152, EL5153, EL5252, and EL5455 are 270MHz
bandwidth -3dB voltage mode feedback amplifiers with DC
accuracy of <0.01%, 1mV offsets and 50kV/V open loop
gains. These amplifiers are ideally suited for applications
ranging from precision measurement instrumentation to
high-speed video and monitor applications demanding
higher linearity at higher frequency. Capable of operating
with as little as 3.0mA of current from a single supply ranging
from 5V to 12V dual supplies ranging from ±2.5V to ±5.0V
these amplifiers are also well suited for handheld, portable
and battery-powered equipment.
Single amplifiers are offered in SOT-23 packages and duals
in a 10 Ld MSOP package for applications where board
space is critical. Quad amplifiers are available in a 14 Ld SO
package. Additionally, singles and duals are available in the
industry-standard 8 Ld SO. All parts operate over the
industrial temperature range of -40°C to +85°C.
Features
• 270MHz -3dB bandwidth
• 180V/µs slew rate
• ±1mV maximum VOS
• Very high open loop gains 50kV/V
• Low supply current = 3mA
• 105mA output current
• Single supplies from 5V to 12V
• Dual supplies from ±2.5V to ±5V
• Fast disable on the EL5152 and EL5252
•Low cost
• Pb-Free plus anneal available (RoHS compliant)
Applications
•Imaging
• Instrumentation
•Video
• Communications devices
Pinouts
EL5152 (8 LD SO)
TOP VIEW
EL5153 (5 LD SOT-23)
TOP VIEW
EL5252 (10 LD MSOP)
TOP VIEW
EL5455 (14 LD SO)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
4
10
9
8
7
5
6
-
+
-
+
INA+
CEA
VS-
CEB
INA-
OUTA
VS+
OUTB
INB+
INB-
OUTA
INA-
INA+
VS+
OUTD
IND-
IND+
VS-
INB+
INC+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
INC-
OUTC
INB-
OUTB
-+
-
+
-+
-
+
Data Sheet
October 3, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5455IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5455IS-T7 INTERSIL-EL5455IS-T7 Datasheet
357Kb / 14P
   300MHz Amplifiers
EL5455IS-T7 INTERSIL-EL5455IS-T7 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455IS-T7 INTERSIL-EL5455IS-T7 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5455IS-T7 RENESAS-EL5455IS-T7 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
More results

Similar Description - EL5455IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com