Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5455ISZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5455ISZ
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5455ISZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5455ISZ Datasheet HTML 6Page - Intersil Corporation EL5455ISZ Datasheet HTML 7Page - Intersil Corporation EL5455ISZ Datasheet HTML 8Page - Intersil Corporation EL5455ISZ Datasheet HTML 9Page - Intersil Corporation EL5455ISZ Datasheet HTML 10Page - Intersil Corporation EL5455ISZ Datasheet HTML 11Page - Intersil Corporation EL5455ISZ Datasheet HTML 12Page - Intersil Corporation EL5455ISZ Datasheet HTML 13Page - Intersil Corporation EL5455ISZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN7385.4
October 3, 2005
Disable/Power-Down
The EL5152 and EL5253 can be disabled with their output
placed in a high impedance state. The turn off time is about
330ns and the turn on time is about 130ns. When disabled,
the amplifier's supply current is reduced to 17µA typically;
essentially eliminating power consumption. The amplifier's
power down is controlled by standard TTL or CMOS signal
levels at the ENABLE pin. The applied logic signal is relative
to VS- pin. Letting the ENABLE pin float or the application of
a signal that is less than 0.8V above VS- enables the
amplifier. The amplifier is disabled when the signal at
ENABLE pin is above VS+ -1.5V.
Output Drive Capability
The EL5152 and EL5153 families do not have internal short
circuit protection circuitry. Typically, short circuit currents as
high as 95mA and 70mA can be expected and naturally, if
the output is shorted indefinitely the part can easily be
damaged from overheating, or excessive current density
may eventually compromise metal integrity. Maximum
reliability is maintained if the output current is always held
below ±40mA. This limit is set and limited by the design of
the internal metal interconnect. Note that in transient
applications, the part is extremely robust.
Power Dissipation
With the high output drive capability of the EL5152 and
EL5153 families, it is possible to exceed the 125°C absolute
maximum junction temperature under certain load current
conditions. Therefore, it is important to calculate the
maximum junction temperature for an application to
determine if load conditions or package types need to be
modified to assure operation of the amplifier in a safe
operating area.
The maximum power dissipation allowed in a package is
determined according to:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or:
For sourcing:
For sinking:
Where:
VS = Supply voltage
ISMAX = Maximum quiescent supply current
VOUT = Maximum output voltage of the application
RLOAD = Load resistance tied to ground
ILOAD = Load current
N = number of amplifiers (Max = 2)
By setting the two PDMAX equations equal to each other, we
can solve the output current and RLOAD to avoid the device
overheat.
Power Supply Bypassing Printed Circuit Board
Layout
As with any high frequency device, a good printed circuit
board layout is necessary for optimum performance. Lead
lengths should be as short as possible. The power supply
pin must be well bypassed to reduce the risk of oscillation.
For normal single supply operation, where the VS- pin is
connected to the ground plane, a single 4.7µF tantalum
capacitor in parallel with a 0.1µF ceramic capacitor from VS+
to GND will suffice. This same capacitor combination should
be placed at each supply pin to ground if split supplies are to
be used. In this case, the VS- pin becomes the negative
supply rail. See Figure 1 for a complete tuned power supply
bypass methodology.
Printed Circuit Board Layout
For good AC performance, parasitic capacitance should be
kept to minimum. Use of wire wound resistors should be
avoided because of their additional series inductance. Use
of sockets should also be avoided if possible. Sockets add
parasitic inductance and capacitance that can result in
compromised performance. Minimizing parasitic capacitance
at the amplifier's inverting input pin is very important. The
feedback resistor should be placed very close to the
inverting input pin. Strip line design techniques are
recommended for the signal traces.
PDMAX
TJMAX TAMAX
Θ
JA
---------------------------------------------
=
PDMAX
VS ISMAX
VS VOUTi
()
i1
=
n
VOUTi
RLi
-----------------
×
+
×
=
PDMAX
VS ISMAX
VOUTi VS
()
i1
=
n
ILOADi
×
+
×
=
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5455ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5455ISZ INTERSIL-EL5455ISZ Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455ISZ INTERSIL-EL5455ISZ Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5455ISZ RENESAS-EL5455ISZ Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5455ISZ-T13 INTERSIL-EL5455ISZ-T13 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455ISZ-T13 INTERSIL-EL5455ISZ-T13 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
More results

Similar Description - EL5455ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com