Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5455ISZ-T13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5455ISZ-T13
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5455ISZ-T13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5455ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5455ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5455ISZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5455ISZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5455ISZ-T13 Datasheet HTML 11Page - Intersil Corporation EL5455ISZ-T13 Datasheet HTML 12Page - Intersil Corporation EL5455ISZ-T13 Datasheet HTML 13Page - Intersil Corporation EL5455ISZ-T13 Datasheet HTML 14Page - Intersil Corporation EL5455ISZ-T13 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN7385.4
October 3, 2005
Application Circuits
Sullen Key Low Pass Filter
A common and easy to implement filter taking advantage of
the wide bandwidth, low offset and low power demands of
the EL5152. A derivation of the transfer function is provided
for convenience. (See Figure 28.)
Sullen Key High Pass Filter
Again this useful filter benefits from the characteristics of the
EL5152. The transfer function is very similar to the low pass
so only the results are presented. (See Figure 29.)
FIGURE 28. SULLEN KEY LOW PASS FILTER
K
3
1
Q
RC
1
wo
K
Holp
C
R
C
R
C
R
C
R
C
R
C
R
)
K
1
(
1
Q
C
R
C
R
1
wo
K
Holp
)
C
R
C
R
C
R
)
K
1
((
jw
C
R
C
R
w
1
1
)
jw
(
H
1
s
)
C
R
C
R
C
R
)
K
1
((
s
C
R
C
R
K
)
s
(
H
0
s
C
1
Vi
Vo
R
V
K
Vo
1
R
Vi
V
V
1
s
C
R
1
K
Vo
R
R
1
K
1
1
2
2
1
2
2
1
2
2
1
1
2
2
1
1
2
2
2
1
1
1
2
2
1
1
2
2
21
2
1
1
1
2
2
2
1
1
1
2
1
1
1
1
2
2
A
B
=
=
=
+
+
=
=
=
+
+
+
=
+
+
+
+
=
=
+
+
+
=
+
=
Equations simplify if we let all
components be equal R=C
+
-
1n
5V
V2
C1
R1
R2
V1
1K
C2
RA
1K
1K
RB
5V
V3
R7
1K
VOUT
1
3
2
V+
V-
4
U1A
1n
1n
1K
11
L1
10µH
C6
1n
C3
R5
1K
1n
C5
L3
10µH
1n
C4
R6
1K
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5455ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5455ISZ-T13 INTERSIL-EL5455ISZ-T13 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5455ISZ-T13 INTERSIL-EL5455ISZ-T13 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5455ISZ-T13 RENESAS-EL5455ISZ-T13 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
More results

Similar Description - EL5455ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152 Datasheet
380Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com