Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7531IYZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7531IYZ-T13
Description  Monolithic 1A Step-Down Regulator with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7531IYZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL7531IYZ-T13 Datasheet HTML 2Page - Intersil Corporation EL7531IYZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7531IYZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7531IYZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7531IYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7531IYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7531IYZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7531IYZ-T13 Datasheet HTML 9Page - Intersil Corporation EL7531IYZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN7428.9
July 13, 2006
FIGURE 13. START-UP AT IO = 1A
FIGURE 14. ENABLE AND SHUT-DOWN
FIGURE 15. PFM STEADY-STATE OPERATION WAVEFORM
(IO = 100mA)
FIGURE 16. PWM STEADY-STATE OPERATION (IO = 1A)
FIGURE 17. EXTERNAL SYNCHRONIZATION TO 2MHz
FIGURE 18. EXTERNAL SYNCHRONIZATION TO 12MHz
Performance Curves and Waveforms (Continued)
All waveforms are taken at VIN = 3.3V, VO = 1.8V, IO = 1A with component values shown on page 1 at room ambient temperature, unless otherwise
noted.
VIN
(2V/DIV)
IIN
(0.5A/DIV)
VO
(2V/DIV)
200µs/DIV
PG
EN
VO
(2V/DIV)
IIN
(0.5A/DIV)
500µs/DIV
PG
LX
(2V/DIV)
IL
(0.5A/DIV)
2µs/DIV
∆VO
(50mV/DIV)
0.5µs/DIV
LX
(2V/DIV)
IL
(0.5A/DIV)
∆VO
(10mV/DIV)
SYNC
(2V/DIV)
LX
(2V/DIV)
0.2µs/DIV
IL
(0.5A/DIV)
20ns/DIV
SYNC
(2V/DIV)
LX
(2V/DIV)
IL
(0.5A/DIV)
EL7531


Similar Part No. - EL7531IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531IYZ-T13 INTERSIL-EL7531IYZ-T13 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531IYZ-T13 RENESAS-EL7531IYZ-T13 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results

Similar Description - EL7531IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL97536 RENESAS-ISL97536 Datasheet
499Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com