Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5364IU Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5364IU
Description  600MHz Current Feedback Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5364IU Datasheet(HTML) 2 Page - Intersil Corporation

  EL5364IU Datasheet HTML 1Page - Intersil Corporation EL5364IU Datasheet HTML 2Page - Intersil Corporation EL5364IU Datasheet HTML 3Page - Intersil Corporation EL5364IU Datasheet HTML 4Page - Intersil Corporation EL5364IU Datasheet HTML 5Page - Intersil Corporation EL5364IU Datasheet HTML 6Page - Intersil Corporation EL5364IU Datasheet HTML 7Page - Intersil Corporation EL5364IU Datasheet HTML 8Page - Intersil Corporation EL5364IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN7389.5
August 10, 2005
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL5164IS
8-Pin SO
-
MDP0027
EL5164IS-T7
8-Pin SO
7”
MDP0027
EL5164IS-T13
8-Pin SO
13”
MDP0027
EL5164ISZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL5164ISZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL5164ISZ-T13
(See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
EL5164IW-T7
6-Pin SOT-23
7” (3K pcs)
MDP0038
EL5164IW-T7A
6-Pin SOT-23
7” (250 pcs)
MDP0038
EL5164IWZ-T7
(See Note)
6-Pin SOT-23
(Pb-free)
7” (3K pcs)
MDP0038
EL5164IWZ-T7A
(See Note)
6-Pin SOT-23
(Pb-free)
7” (250 pcs)
MDP0038
EL5165IC-T7
5-Pin SC-70
7” (3K pcs)
P5.049
EL5165IC-T7A
5-Pin SC-70
7” (250 pcs)
P5.049
EL5165IW-T7
5-Pin SOT-23
7” (3K pcs)
MDP0038
EL5165IW-T7A
5-Pin SOT-23
7” (250 pcs)
MDP0038
EL5165IWZ-T7
(See Note)
5-Pin SOT-23
(Pb-free)
7” (3K pcs)
MDP0038
EL5165IWZ-T7A
(See Note)
5-Pin SOT-23
(Pb-free)
7” (250 pcs)
MDP0038
EL5364IS
16-Pin SO (0.150”)
-
MDP0027
EL5364IS-T7
16-Pin SO (0.150”)
7”
MDP0027
EL5364IS-T13
16-Pin SO (0.150”)
13”
MDP0027
EL5364ISZ
(See Note)
16-Pin SO (0.150”)
(Pb-free)
-
MDP0027
EL5364ISZ-T7
(See Note)
16-Pin SO (0.150”)
(Pb-free)
7”
MDP0027
EL5364ISZ-T13
(See Note)
16-Pin SO (0.150”)
(Pb-free)
13”
MDP0027
EL5364IU
16-Pin QSOP
-
MDP0040
EL5364IU-T7
16-Pin QSOP
7”
MDP0040
EL5364IU-T13
16-Pin QSOP
13”
MDP0040
EL5364IUZ
(See Note)
16-Pin QSOP
(Pb-free)
-
MDP0040
EL5364IUZ-T7
(See Note)
16-Pin QSOP
(Pb-free)
7”
MDP0040
EL5364IUZ-T13
(See Note)
16-Pin QSOP
(Pb-free)
13”
MDP0040
EL5364IUZA
(See Note)
16-Pin QSOP
(Pb-free)
-
MDP0040
EL5364IUZA-T7
(See Note)
16-Pin QSOP
(Pb-free)
7”
MDP0040
EL5364IUZA-T13
(See Note)
16-Pin QSOP
(Pb-free)
13”
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
PACKAGE
TAPE &
REEL
PKG.
DWG. #
Pinouts
EL5164
(8-PIN SO)
TOP VIEW
EL5165
(5-PIN SOT-23, SC-70)
TOP VIEW
EL5364
(16-PIN SO, QSOP)
TOP VIEW
EL5164
(6-PIN SOT-23)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
-
+
-
+
-
+
INA+
CEA
VS-
CEB
INB+
NC
CEC
INC+
INA-
OUTA
VS+
OUTB
INB-
NC
OUTC
INC-
1
2
3
6
4
-
+
OUT
VS-
IN+
VS+
IN-
5CE
EL5164, EL5165, EL5364


Similar Part No. - EL5364IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5364IU INTERSIL-EL5364IU Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5364IU INTERSIL-EL5364IU Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5364IU-T13 INTERSIL-EL5364IU-T13 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5364IU-T13 INTERSIL-EL5364IU-T13 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5364IU-T7 INTERSIL-EL5364IU-T7 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5364IU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com