Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCTA.B.C.D.H223K16 Datasheet(PDF) 1 Page - NTE Electronics

Part # SCTA.B.C.D.H223K16
Description  SURFACE MOUNT TANTALUM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

SCTA.B.C.D.H223K16 Datasheet(HTML) 1 Page - NTE Electronics

  SCTA.B.C.D.H223K16 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCT (Surface Mount) SERIES
SURFACE MOUNT TANTALUM
17
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
SURFACE MOUNT TANTALUM
The SCT series is a molded solid tantalum chip capacitor
designed to meet specifications worldwide. The SCT series
includes EIA standard case sizes and ratings. These capacitors
incorporate state–of–the–art construction allowing the use of
modern high temperature soldering techniques.
FEATURES:
D Precision molded case with flat surface for vacuum
pick–up
D Laser marking and bold videcon – readable polarity
stripe
D Glue pad on underside for bonding to circuit board prior
to soldering
D Encapsulate material satisfies the UL 94 VO flammability
classification
RATINGS
Capacitance Range: 0.1
µf to 150µf
Tolerance:
±10%
Voltage Range: 6.3V to 50V
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
–55
°C to +85°C (–67°F to +185°F)
Capacitance Tolerance (K):
±10%
MECHANICAL SPECIFICATIONS
Lead Solderability:
Meets the requirements of MIL–STD 202, Method 208
Marking:
Consists of capacitance, DC voltage, and polarity.
Resistance to Board Cleaning:
The use of high acidity fluxes must be avoided. The en-
capsulation and termination materials are resistant to
immersion in boiling solvents such as: Freon TMS and
TMC, Trichloroethane, Methylene Chloride, Isopropyl
alcohol (IPA), etc., up to +50
°C. If ultrasonic cleaning
is to be applied in the final wash stages the application
time should be less than 5 minutes with a maximum
power density of 9mW/cc to avoid damage to termina-
tions.
ORDERING INFORMATION
SCT
A
10
4
K
35
Series
Case
Capacitance
Multiplier
Tolerance
Voltage
CAPACITANCE RANGE:
(Letter denotes case size)
Rated Voltage (WV)
6.3
10
16
20
25
35
50
Surge Voltage
Cap (
µf)
8
13
20
26
32
46
65
0.10
A
0.47
A
1.0
A
B
C
1.5
A
B
2.2
A
A
B
C
D
3.3
A
B
4.7
A, B
B
C
D
6.8
B
C
C
D
10.0
B, C
B, C
D
D
15.0
C
C
D
D
22.0
C
D
D
H
33.0
C
D
H
47.0
C
D
D
H
68.0
D
H
100.0
D
H
150.0
D
H
SCT Series Dimensions: in (mm)
Case
Size
L
±0.2
(
±0.008)
W1 ±0.2
(
±0.008)
W2 ±0.1
(
±0.004)
H
±0.2
(
±0.008)
tw
±0.3
(
±0.012)
A
.126 (3.2)
.063 (1.6)
.047 (1.2)
.063 (1.6)
.031 (0.8)
B
.138 (3.5)
.110 (2.8)
.087 (2.2)
.075 (1.9)
.031 (0.8)
C
.236 (6.0)
.126 (3.2)
.087 (2.2)
.102 (2.6)
.051 (1.3)
D
.287 (7.3)
.169 (4.3)
.094 (2.4)
.114 (2.9)
.051 (1.3)
H
.287 (7.3)
.169 (4.3)
.094 (2.4)
.162 (4.1)
.051 (1.3)
L
H
W2
tw
tw
W2
W1
(V)


Similar Part No. - SCTA.B.C.D.H223K16

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SCTA ALPS-SCTA Datasheet
461Kb / 1P
   Spring Contact(micro clip)
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
More results

Similar Description - SCTA.B.C.D.H223K16

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
CWR09CB105KMA KEMET-CWR09CB105KMA Datasheet
147Kb / 10P
   Tantalum Surface Mount Capacitor
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com