Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59442 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL59442
Description  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL59442 Datasheet HTML 3Page - Intersil Corporation ISL59442 Datasheet HTML 4Page - Intersil Corporation ISL59442 Datasheet HTML 5Page - Intersil Corporation ISL59442 Datasheet HTML 6Page - Intersil Corporation ISL59442 Datasheet HTML 7Page - Intersil Corporation ISL59442 Datasheet HTML 8Page - Intersil Corporation ISL59442 Datasheet HTML 9Page - Intersil Corporation ISL59442 Datasheet HTML 10Page - Intersil Corporation ISL59442 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN7452.4
January 5, 2007
Application Information
General
The ISL59442 is a 4:1 mux that is ideal as a matrix element in
high performance switchers and routers. The ISL59442 is
optimized to drive a 2pF in parallel with a 500
Ω load. The
capacitance can be split between the PCB capacitance an and
external load capacitance. Their low input capacitance and high
input resistance provide excellent 50
Ω or 75Ω terminations.
Capacitance at the Output
The output amplifier is optimized for capacitance to ground
(CL) directly on the output pin. Increased capacitance
causes higher peaking with an increase in bandwidth. The
optimum range for most applications is ~1.0pF to ~6pF. The
optimum value can be achieved through a combination of
PC board trace capacitance (CT) and an external capacitor
(COUT). A good method to maintain control over the output
pin capacitance is to minimize the trace length (CT) to the
next component, and include a discrete surface mount
capacitor (COUT) directly at the output pin.
For large signal applications where overshoot is important
the circuit in Figure 24B should be used. The series resistor
(RS) and capacitor (CL) form a low pass network that limits
system bandwidth and reduces overshoot. The component
values shown result in a typical pulse response shown in
Figure 20.
Ground Connections
For the best isolation and crosstalk rejection, the GND pin
and NIC pins must connect to the GND plane. The NIC pins
are placed on both sides of the input pins. These pins are
not internally connected to the die. It is recommended this
pin be tied to ground to minimize crosstalk.
Control Signals
S0, S1, HIZ - These pins are, TTL/CMOS compatible control
inputs. The S0, S1 pins select which one of the inputs
connect to the output. The HIZ pin is used to three-state the
output amplifiers. For control signal rise and fall times less
than 10nsec the use of termination resistors close to the part
will minimize transients coupled to the output.
Power-Up Considerations
The ESD protection circuits use internal diodes from all pins the
V+ and V- supplies. In addition, a dV/dT- triggered clamp is
connected between the V+ and V- pins, as shown in the
Equivalent Circuits 1 through 4 section of the Pin Description
table. The dV/dT triggered clamp imposes a maximum supply
turn-on slew rate of 1V/µs. Damaging currents can flow for
power supply rates-of-rise in excess of 1V/µs, such as during
hot plugging. Under these conditions, additional methods
should be employed to ensure the rate of rise is not exceeded.
Consideration must be given to the order in which power is
applied to the V+ and V- pins, as well as analog and logic
input pins. Schottky diodes (Motorola MBR0550T or
equivalent) connected from V+ to ground and V- to ground
(Figure 25) will shunt damaging currents away from the
internal V+ and V- ESD diodes in the event that the V+
supply is applied to the device before the V- supply.
If positive voltages are applied to the logic or analog video
input pins before V+ is applied, current will flow through the
internal ESD diodes to the V+ pin. The presence of large
decoupling capacitors and the loading effect of other circuits
connected to V+, can result in damaging currents through
the ESD diodes and other active circuits within the device.
Therefore, adequate current limiting on the digital and
analog inputs is needed to prevent damage during the time
the voltages on these inputs are more positive than V+.
HIZ State
An internal pull-down resistor connected to the HIZ pin ensures
the device will be active with no connection to the HIZ pin. The
HIZ state is established within approximately 30ns by placing a
logic high (>2V) on the HIZ pin. If the HIZ state is selected, the
output is a high impedance 1.4M
Ω. Use this state to control the
logic when more than one mux shares a common output.
In the HIZ state the output is three-stated, and maintains its
high Z even in the presence of high slew rates. The supply
current during this state is basically the same as the active
state.
Limiting the Output Current
No output short circuit current limit exists on these parts. All
applications need to limit the output current to less than 50mA.
Adequate thermal heat sinking of the parts is also required.
V+
V+
V-
V-
V+
V-
V+
V-
LOGIC
CONTROL
GND
IN0
IN1
S0
OUT
EXTERNAL
CIRCUITS
SCHOTTKY
PROTECTION
V+
V-
POWER
GND
SIGNAL
LOGIC
V+ SUPPLY
V- SUPPLY
DE-COUPLING
CAPS
FIGURE 25. SCHOTTKY PROTECTION CIRCUIT
ISL59442


Similar Part No. - ISL59442

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IB INTERSIL-ISL59442IB Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IB RENESAS-ISL59442IB Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IB-T13 INTERSIL-ISL59442IB-T13 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

Similar Description - ISL59442

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com