Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29002IROZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL29002IROZ
Description  Light-to-Digital I2C Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29002IROZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL29002IROZ Datasheet HTML 2Page - Intersil Corporation ISL29002IROZ Datasheet HTML 3Page - Intersil Corporation ISL29002IROZ Datasheet HTML 4Page - Intersil Corporation ISL29002IROZ Datasheet HTML 5Page - Intersil Corporation ISL29002IROZ Datasheet HTML 6Page - Intersil Corporation ISL29002IROZ Datasheet HTML 7Page - Intersil Corporation ISL29002IROZ Datasheet HTML 8Page - Intersil Corporation ISL29002IROZ Datasheet HTML 9Page - Intersil Corporation ISL29002IROZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN7465.2
December 1, 2006
Typical Circuit
A typical application circuit is shown in Figure 12.
Suggested PCB Footprint
See Figure 13. Footprint pads should be a nominal 1-to-1
correspondence with package pads. The large, exposed
central die-mounting paddle in the center of the package
requires neither thermal nor electrical connection to the
PCB, and such connection should be avoided.
Layout Considerations
The ISL29002 is relatively insensitive to layout. Like other
I2C devices, it is intended to provide excellent performance
even in significantly noisy environments. There are only a
few considerations that will ensure best performance.
Route the supply and I2C traces as far as possible from all
sources of noise. Use two power-supply decoupling
capacitors, 4.7µF and 0.1µF, placed close to the device.
Soldering Considerations
Convection heating is recommended for reflow soldering;
direct-infrared heating is not recommended. The ISL29002’s
plastic ODFN package does not require a custom reflow
soldering profile, and is qualified to +260°C. A standard
reflow soldering profile with a +260°C maximum is
recommended.
Special Handling
ODFN8 is rated as JEDEC moisture level 4. Standard
JEDEC Level 4 procedure should be followed: 72hr floor life
at less than +30°C 60% RH. When baking the device, the
temperature required is +110°C or less due to special
molding compound.
ISL29002
VDD
VSS
REXT
A0
A1
A2
SDA
SCL
+
4.7µ
F
0.1µF
100k
MICROCONTROLLER
SDA
SCL
2.5-
3.3V
FIGURE 12. TYPICAL CIRCUIT
FIGURE 13. SUGGESTED PCB FOOTPRINT
(6x0.65)
(2.80 TYP)
(1.40)
(2.29)
(8x0.60)
(8x0.30)
ISL29002


Similar Part No. - ISL29002IROZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

Similar Description - ISL29002IROZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
logo
Everlight Electronics C...
ALS-PDIC17-57B-TR8 EVERLIGHT-ALS-PDIC17-57B-TR8 Datasheet
603Kb / 19P
   Surface - Mount I2C Digital Ambient Light Sensor
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
[Old version datasheet]   Light-to-Digital Sensor
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
Intersil Corporation
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com