Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5362IU-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5362IU-T7
Description  500MHz Low Power Current Feedback Amplifiers with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5362IU-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5362IU-T7 Datasheet HTML 1Page - Intersil Corporation EL5362IU-T7 Datasheet HTML 2Page - Intersil Corporation EL5362IU-T7 Datasheet HTML 3Page - Intersil Corporation EL5362IU-T7 Datasheet HTML 4Page - Intersil Corporation EL5362IU-T7 Datasheet HTML 5Page - Intersil Corporation EL5362IU-T7 Datasheet HTML 6Page - Intersil Corporation EL5362IU-T7 Datasheet HTML 7Page - Intersil Corporation EL5362IU-T7 Datasheet HTML 8Page - Intersil Corporation EL5362IU-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7388.8
March 16, 2007
Pinouts
EL5162
(8 LD SO)
TOP VIEW
EL5162
(6 LD SOT-23)
TOP VIEW
EL5163
(5 LD SOT-23, SC-70)
TOP VIEW
EL5262
(10 LD MSOP)
TOP VIEW
EL5263
(8 LD SO, MSOP)
TOP VIEW
EL5362
(16 LD SO (0.150”), QSOP)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
1
2
3
6
4
5
-
+
OUT
VS-
IN+
VS+
IN-
CE
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
4
10
9
8
7
5
6
OUT
IN-
IN+
VS-
VS+
OUT
IN-
IN+
CE
CE
-
+
7
-
+
1
2
3
4
8
7
6
5
-
+
-
+
OUT1
IN-
IN+
VS+
IN-
OUT2
VS-
IN+
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
-
+
-
+
-
+
INA+
CEA
VS-
CEB
INB+
NC
CEC
INC+
INA-
OUTA
VS+
OUTB
INB-
NC
OUTC
INC-
EL5162, EL5163, EL5262, EL5263, EL5362


Similar Part No. - EL5362IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5362IU-T7 INTERSIL-EL5362IU-T7 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5362IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com